Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS2 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ABS2
Description  Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS2 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ABS2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:H12
RATINGS AND CHARACTERISTIC CURVES (ABS2 THRU ABS10)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0 1020304050 60708090 100 110 120 130 140 150 160
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=75℃
TA=100℃
10
100
1000
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1MHz
Vsig=50mVp-p
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 5 TYPICAL FORWARD CHARACTERISTIC
TA=25℃


Similar Part No. - ABS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS2 ETC1-ABS2 Datasheet
451Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Jiangsu High diode Semi...
ABS2 HDSEMI-ABS2 Datasheet
1Mb / 4P
   ABS Plastic-Encapsulate Bridge Rectifier
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2 Datasheet
1Mb / 2P
   Single Phase 0.8Amp Surface Mount Glass Passivated Bridge Rectifier
ABS2 JUXING-ABS2 Datasheet
2Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Jinan Jing Heng Electro...
ABS2 JINGHENG-ABS2 Datasheet
48Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - ABS2

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
   SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G Datasheet
128Kb / 2P
   Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_11 Datasheet
338Kb / 2P
   Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
DBL101G TSC-DBL101G Datasheet
131Kb / 2P
   Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
DB101 YANGJIE-DB101 Datasheet
264Kb / 2P
   SINGLE PHASE 1.0AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
DB101 SMC-DB101 Datasheet
123Kb / 4P
   SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBP101G LUGUANG-KBP101G Datasheet
178Kb / 2P
   Single Phase 1.0AMP. Glass Passivatec Bridge Rectifiers
logo
DIYI Electronic Technol...
RMB1MU DYELEC-RMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU_17 Datasheet
1Mb / 3P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF2U DYELEC-RABF2U_17 Datasheet
4Mb / 3P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com