Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M17Z Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # 2M17Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M17Z Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  2M17Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M17Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M17Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M17Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M17Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M17Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimensions
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
DIM.
Unit(mm)
Unit(inch)
Marking Diagram


Similar Part No. - 2M17Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M17Z TSC-2M17Z Datasheet
320Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M17Z TSC-2M17Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M17Z TSC-2M17Z Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M17Z LUGUANG-2M17Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M17Z LUGUANG-2M17Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M17Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M11Z TSC-2M11Z Datasheet
320Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M100Z LUGUANG-2M100Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M11Z LUGUANG-2M11Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com