Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-376 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZW04-376
Description  400 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-376 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZW04-376 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-376 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-376 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-376 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-376 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-376 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
creat by art
Excellent clamping capability
Low impedance surge resistance
Very fast response time
Typical IR less than 1uA above 10V
BZW04-10
DO-41
3K / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Symbol
Unit
RθJL
/W
TJ, TSTG
Version:F13
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing
code
Operating and Storage Temperature Range
-65 to +175
Note 1: Non-repetitive Current Pulse, Per derated above TA=25℃
Note 2: Mounted on copper pad area of 0.2" x 0.2" (5 x 5mm)
Note 3: Measure on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maxumum.
Packing code
(Green)
52mm
A0G
Junction to leads
60
Junction to ambient on printed circuit
L lead=10mm
RθJA
100
/W
Watts
Steady State Power Dissipation at TL=75℃
Lead Lengths .375", 9.5mm (Note 2)
PD
1
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 3)
IFSM
40
Amps
Polarity: Color band denotes cathode except bipolar
Weight: 0.34 gram
Type Number
Value
Peak Pulse Power Dissipation at TA=25℃,
Tp=1ms(Note 1)
PPK
Minimum 400
400W surge capability at 10 x 1000 us waveform
High temperature soldering guaranteed:
260℃ / 10 seconds / .375", (9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Lead: Axial leads, solderable per MIL-STD-202,
Method 208
BZW04 SERIES
400 Watts Transient Voltage Suppressor
DO-41
Features
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
Exceeds environmental standards of MIL-STD-19500


Similar Part No. - BZW04-376

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-376 STMICROELECTRONICS-BZW04-376 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-376 TAYCHIPST-BZW04-376 Datasheet
3Mb / 3P
   Voltage regulator dides
logo
EIC discrete Semiconduc...
BZW04-376 EIC-BZW04-376 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04-376 TAYCHIPST-BZW04-376 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
General Semiconductor
BZW04-376 GE-BZW04-376 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-376

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500 LUGUANG-P4KE500 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com