Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR735 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR735
Description  7.5 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR735 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR735_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR735_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR735_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:H12
RATINGS AND CHARACTERISTIC CURVES (MBR735 THRU MBR7150)
0
2
4
6
8
10
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
MBR735-MBR745
MBR750-MBR7150
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TA=75℃
TA=125℃
TA=25℃
MBR735-745
MBR750-7150
10
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MBR735-MBR745
MBR750-MBR760
MBR790-MBR7150
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISRICS
TA=125℃
Pulse Width=300uS
1% Duty Cycle
TA=25℃
MBR735-MBR745
MBR750-MBR760
MBR790-MBR7150
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - MBR735_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_1 Datasheet
266Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_10 Datasheet
656Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_14 Datasheet
239Kb / 4P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
MBR735 VISHAY-MBR735_15 Datasheet
156Kb / 6P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
More results

Similar Description - MBR735_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR2035CT TSC-MBR2035CT_13 Datasheet
242Kb / 3P
   20.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR2535CT TSC-MBR2535CT_13 Datasheet
231Kb / 3P
   25.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR735 JGD-SR735 Datasheet
154Kb / 2P
   7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_1 Datasheet
266Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_10 Datasheet
656Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735 Datasheet
60Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT_13 Datasheet
245Kb / 3P
   40.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
SRT12 TSC-SRT12_13 Datasheet
251Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com