Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555Y Datasheet(PDF) 5 Page - Texas Instruments

Part # NE555Y
Description  Precision timing circuits capable of producing accurate time delays or oscillation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555Y Datasheet(HTML) 5 Page - Texas Instruments

  NE555Y Datasheet HTML 1Page - Texas Instruments NE555Y Datasheet HTML 2Page - Texas Instruments NE555Y Datasheet HTML 3Page - Texas Instruments NE555Y Datasheet HTML 4Page - Texas Instruments NE555Y Datasheet HTML 5Page - Texas Instruments NE555Y Datasheet HTML 6Page - Texas Instruments NE555Y Datasheet HTML 7Page - Texas Instruments NE555Y Datasheet HTML 8Page - Texas Instruments NE555Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NA555, NE555, SA555, SE555
www.ti.com
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
Electrical Characteristics
VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
NA555
SE555
NE555
PARAMETER
TEST CONDITIONS
UNIT
SA555
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 15 V
9.4
10
10.6
8.8
10
11.2
THRES voltage level
V
VCC = 5 V
2.7
3.3
4
2.4
3.3
4.2
THRES current(1)
30
250
30
250
nA
4.8
5
5.2
4.5
5
5.6
VCC = 15 V
TA = –55°C to 125°C
3
6
TRIG voltage level
V
1.45
1.67
1.9
1.1
1.67
2.2
VCC = 5 V
TA = –55°C to 125°C
1.9
TRIG current
TRIG at 0 V
0.5
0.9
0.5
2
mA
0.3
0.7
1
0.3
0.7
1
RESET voltage level
V
TA = –55°C to 125°C
1.1
RESET at VCC
0.1
0.4
0.1
0.4
RESET current
mA
RESET at 0 V
–0.4
–1
–0.4
–1.5
DISCH switch off-state
20
100
20
100
nA
current
9.6
10
10.4
9
10
11
VCC = 15 V
TA = –55°C to 125°C
9.6
10.4
CONT voltage
V
(open circuit)
2.9
3.3
3.8
2.6
3.3
4
VCC = 5 V
TA = –55°C to 125°C
2.9
3.8
0.1
0.15
0.1
0.25
VCC = 15 V, IOL = 10 mA
TA = –55°C to 125°C
0.2
0.4
0.5
0.4
0.75
VCC = 15 V, IOL = 50 mA
TA = –55°C to 125°C
1
2
2.2
2
2.5
VCC = 15 V, IOL = 100 mA
Low-level output voltage
TA = –55°C to 125°C
2.7
V
VCC = 15 V, IOL = 200 mA
2.5
2.5
VCC = 5 V, IOL = 3.5 mA
TA = –55°C to 125°C
0.35
0.1
0.2
0.1
0.35
VCC = 5 V, IOL = 5 mA
TA = –55°C to 125°C
0.8
VCC = 5 V, IOL = 8 mA
0.15
0.25
0.15
0.4
13
13.3
12.75
13.3
VCC = 15 V, IOL = –100 mA
TA = –55°C to 125°C
12
High-level output voltage
VCC = 15 V, IOH = –200 mA
12.5
12.5
V
3
3.3
2.75
3.3
VCC = 5 V, IOL = –100 mA
TA = –55°C to 125°C
2
VCC = 15 V
10
12
10
15
Output low, No load
VCC = 5 V
3
5
3
6
Supply current
mA
VCC = 15 V
9
10
9
13
Output high, No load
VCC = 5 V
2
4
2
5
(1)
This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example,
when VCC = 5 V, the maximum value is R = RA + RB ≉ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ.
Copyright © 1973–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - NE555Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555Y TI-NE555Y Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
NE555Y TI-NE555Y Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555Y TI1-NE555Y Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - NE555Y

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
NE555 ESTEK-NE555 Datasheet
135Kb / 3P
   monolithic timing circuits capable of producing accurate time delays
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
logo
Linear Dimensions Semic...
LND555 LINEAR_DIMENSIONS-LND555 Datasheet
130Kb / 4P
   PRECISION TIMING CIRCUIT
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com