Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10200 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF10200
Description  10.0 AMPS. Isolated Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF10200 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF10200 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF10200 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF10200 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:I12
RATINGS AND CHARACTERISTIC CURVES (MBRF1035 THRU MBRF10200)
0
5
10
15
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
MBRF1035-MBRF1045
MBRF1050-MBRF10200
0
25
50
75
100
125
150
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3mS Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS PER LEG
TA=75℃
TA=125℃
TA=25℃
MBRF1035-1045
MBRF1050-10200
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE PER LEG
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MBRF1090 - MBRF10200
MBRF1050 - MBRF1060
MBRF1035 - MBRF1045
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TA=125℃
Pulse Width=300uS
1% Duty Cycle
TA=25℃
MBRF1035-1045
MBRF1050-1060
MBRF1090-10150
MBRF10200
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE PER
LEG


Similar Part No. - MBRF10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10200 TSC-MBRF10200 Datasheet
150Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBRF10200 DACHANG-MBRF10200 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
logo
Sangdest Microelectroni...
MBRF10200 SMC-MBRF10200 Datasheet
156Kb / 5P
   SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF10200 TSC-MBRF10200 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBRF10200 DACHANG-MBRF10200 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBRF10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1035CT TSC-MBRF1035CT Datasheet
164Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_1 Datasheet
258Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_1 Datasheet
201Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1035CT LUGUANG-MBRF1035CT Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 LUGUANG-MBRF1035 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035_11 Datasheet
150Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT Datasheet
624Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_10 Datasheet
613Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_1 Datasheet
140Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035CT TSC-MBRF1035CT_11 Datasheet
187Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com