Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-628WSL100 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTP-628WSL100
Description  Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628WSL100 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTP-628WSL100 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 8Page - Fujitsu Component Limited. FTP-628WSL100 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTP-628WSL100 /200-R Series
n
SPeCiFiCaTiOnS
Item
Specification
Part Number
FTP-628WSL100 series
FTP-628WSL200 series
Dot structure
384 dots/line
Dotpitch(horizontal)
0.125mm
Dot pitch (vertical)
0.125mm
Effective print area
48mm
Paper width/diameter
58mm / ID 8mm, OD 36mm max.
Paper thickness
60 to 100µm*1
Maximum printing speed
Battery 40mm/sec. at 4.2V, AC adapter, 50mm/sec. at 5V
(320 dotline/s) at 12.3% print ratio
Character types
AlphanumericKANA:159
Internationalcharacters:195
Registeredcharacters:224
JISKANJI:APPROX.6800
Character dimensions (W x H mm),
number of characters
12 x 24 dots (1.5 x 3.0 mm), 32 columns
24 x 24 dots (3.0 x 3.0 mm), 16 columns
8 x 16 dots (1.0 x 2.0 mm), 48 columns
16 x 16 dots (2.0 x 2.0 mm), 24 columns
Power
Battery (Lithium Ion)
3.7VDC lithium 1,800mAh
AC Adapter
100VAC to 120VAC adapter #11
100VAC to 240VAC adapter #20, 21 (AC cable not
included)
Power consumption
1.6-1.7A Printing (print ratio 12.5%) standby 30-60mA
communication 90-170mA
Dimensions (W x D x H)
84x 136.5 x 30.0mm body / 43.6mm papaer holder
Case color
Gray
Black
Weight
220g (printer with battery)
270g (battery and paper included)
Expected life
Head
Pulsedurability:100millionpulse/dot(12.5%printratio)
Wearresistance:50km
Battery
Onecharge:100m
300 charge cycles
500 charge cycles
Paper holder
5,000 times open/close
MTBF
Mechanism
3,000 hours
Interface board
500,000 hours
*1:theremaybeexceptions


Similar Part No. - FTP-628WSL100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL110 FUJITSU-FTP-628WSL110 Datasheet
484Kb / 6P
   Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
FTP-628WSL120 FUJITSU-FTP-628WSL120 Datasheet
484Kb / 6P
   Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
More results

Similar Description - FTP-628WSL100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL110 FUJITSU-FTP-628WSL110 Datasheet
484Kb / 6P
   Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com