Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB-A550I Datasheet(PDF) 1 Page - AAEON Technology

Part # HSB-A550I
Description  Onboard AMD짰 G-Series T16R Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HSB-A550I Datasheet(HTML) 1 Page - AAEON Technology

  HSB-A550I Datasheet HTML 1Page - AAEON Technology HSB-A550I Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-9
14
Features
Specifications
Onboard AMD® G-Series T16R Processor
AMD® A55E + ITE8888 Chipset
Onboard 1066 MHz DDR3 SDRAM (Max. 2GB)
Gigabit Ethernet x 2, VGA x 1, LVDS x 1
Integrated AMD Radeon HD 6250(T16R) graphics engine
HD Audio Codec with Realtek ALC888
SATA 6.0Gb/s x 4 onboard, CompactFlash™ SATA Type II x 1
USB2.0 x 7, COM x 4 (COM1: RS-232/422/485, COM2~4: RS-
232)
MIC-in/Line-in/Line-out (Optional Audio Daughter Board)
Parallel x 1, COM x 2 (COM1: RS-232/422/485; COM2~4: RS-
232)
Up To 24-bit Dual-channel LVDS
ISA Expansion, +5V, +12V Operation, AT Power
System
Form Factor
ISA Half-Size SBC
Processor
AMD® G-Series T16R Processor
System Memory
Onboard 1066 MHz DDR3 SDRAM (Max. 2GB)
Chipset
AMD® A55E
Ethernet
Realtek® 8111E for 10/100/1000Base-TX, RJ-45 x 2
Audio
HD Audio Codec with Realtek ALC888
BIOS
AMI Plug & Play BIOS - 4MB ROM
Storage
SATA 6.0Gb/s x 4
DSS
ComapctFlash™ SATA Type II x 1
Watchdog Timer
Programmable 1~255 steps System reset
H/W Status Monitoring
Monitoring system temperature, voltage, and cooling fan status
Expansion Interface
ISA
Power Requirement
+5V, +12V by ISA bus, onboard 4-pin power connector
Dimension( W x H x D)
7.3" x 4.8" (185 mm x 122 mm)
Gross Weight
0.71 lb (0.3kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-4 °F ~ 158 °F (-20 °C ~ 70 °C)
Operation Humidity
10% ~ 80%, non-condensing
MTBF (Hours)
Display
Graphic Engine
Integrated AMD Radeon HD 6250(T16R) graphics engine
Output Interface
VGA x 1, LVDS x 1 support up to 24-bit Dual- channel
Resolution
Up to 1600 x1200 @ 60 Hz for CRT, Up to 1366 x 768 @ 60 Hz for LCD
I/O
Storage
CF-SATA Type II (Master) x 1
Serial port
RS232 x 3, RS232/422/485 x 1
PS/2 Port
Mini-Din PS/2 K/B and Mouse x 1
USB
USB2.0 x 7 (Type A x 1, 5x2-pin header x 6)
Audio
MIC-in/Line-in/Line-out (optional audio daughter board)
Ethernet
RJ-45 x 2
Display
VGA x 1
9681666600
Cable Kit for HSB Series
1709070800
SATA Cable
Product CD
HSB-A550i
Packing List
ISA Half-Size SBC with Onboard AMD® G-Series® T16R Processor
HSB-A550i
Onboard DDR3 RAM
(1GB or 2GB)
VGA
LAN1
USB2.0
PS/2 Keyboard & Mouse
LAN2
SATA 3.0Gb/s x 4
LVDS
USB2.0 x 6
LPT
COM x 4


Similar Part No. - HSB-A550I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSB-ARA62-SN15A ETC-HSB-ARA62-SN15A Datasheet
1Mb / 7P
   For IEEE-1394 High Performance Serial Bus Connectors
More results

Similar Description - HSB-A550I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4466 ADVANTECH-SOM-4466_15 Datasheet
747Kb / 2P
   AMD G-Series Processor T16R ETX CPU Module
logo
AAEON Technology
PFM-HDS AAEON-PFM-HDS Datasheet
292Kb / 2P
   PC/104 Module with AMD G-Series T16R Processor
logo
Advantech Co., Ltd.
MIO-5270 ADVANTECH-MIO-5270_V01 Datasheet
1Mb / 2P
   AMD짰 G- Series 3.5
5-Jan-2018
GMB-I55E ADVANTECH-GMB-I55E Datasheet
927Kb / 2P
   AMD짰 G-series Multi-display System
GMB-A55E ADVANTECH-GMB-A55E Datasheet
1Mb / 2P
   AMD짰 G-Series mini-ITX Motherboard
logo
AAEON Technology
EPIC-HD07 AAEON-EPIC-HD07 Datasheet
336Kb / 2P
   EPIC Board with Onboard AMD G Series Dual/Single Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
GENE-6330 AAEON-GENE-6330 Datasheet
1Mb / 1P
   Onboard Transmeta Crusoe TM5800??Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_16 Datasheet
238Kb / 1P
   AMD G-series APU T40E 1.0 GHz onboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com