Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMBM-B75A-A10-G2 Datasheet(PDF) 2 Page - AAEON Technology

Part # IMBM-B75A-A10-G2
Description  Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBM-B75A-A10-G2 Datasheet(HTML) 2 Page - AAEON Technology

  IMBM-B75A-A10-G2 Datasheet HTML 1Page - AAEON Technology IMBM-B75A-A10-G2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-50
Dimension
Unit: mm
Ordering Information
IMBM-B75A
Part number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
IMBM-B75A-A10-G2
Socket
DIMM
Fan
VGA, HDMI x 3
SATA 2 x 4,
SATA 3 x 1
GbE x 2
USB2.0 x 6,
USB3.0 x 4
4
1
PCI-E [x16] x 1,
PCI-E [x4] x 1,
PCI x 2
ATX
0
°C ~ 60°C
Optional Accessories
CPU Cooler
1709070800
SATA Cable
1701100302
COM Port Cable
LPT Cable
USB2.0 Cable
1700190450
USB3.0 Cable


Similar Part No. - IMBM-B75A-A10-G2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBM-700 AAEON-IMBM-700 Datasheet
319Kb / 2P
   VIA C7?? Eden??Processor, Up To 2.0 GHz
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
IMBM-H110A AAEON-IMBM-H110A Datasheet
494Kb / 2P
   Two Independent Display: HDMI x 2, VGA x 1, DVI-D x 1
IMBM-H110A-A10 AAEON-IMBM-H110A-A10 Datasheet
494Kb / 2P
   Two Independent Display: HDMI x 2, VGA x 1, DVI-D x 1
IMBM-H61A AAEON-IMBM-H61A Datasheet
336Kb / 2P
   Micro-ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
More results

Similar Description - IMBM-B75A-A10-G2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
NVR-Q67 AAEON-NVR-Q67 Datasheet
275Kb / 2P
   Intel짰 Socket 1155 with 2nd Generation Core??i7/i5 Processors
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
logo
Advantech Co., Ltd.
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
logo
AAEON Technology
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
IMBM-H61A AAEON-IMBM-H61A Datasheet
336Kb / 2P
   Micro-ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
logo
Protech Systems Co., Lt...
SP-6205 PROTECHSYSTEMS-SP-6205 Datasheet
557Kb / 2P
   Intel짰 Core??3rd Gen. mobile i3/i5/i7 (rPGA-988)processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com