Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW26NM60N Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW26NM60N
Description  N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM60N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW26NM60N Datasheet HTML 4Page - STMicroelectronics STW26NM60N Datasheet HTML 5Page - STMicroelectronics STW26NM60N Datasheet HTML 6Page - STMicroelectronics STW26NM60N Datasheet HTML 7Page - STMicroelectronics STW26NM60N Datasheet HTML 8Page - STMicroelectronics STW26NM60N Datasheet HTML 9Page - STMicroelectronics STW26NM60N Datasheet HTML 10Page - STMicroelectronics STW26NM60N Datasheet HTML 11Page - STMicroelectronics STW26NM60N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics STB26NM60N, STF26NM60, STI26NM60N, STP26NM60N, STW26NM60N
8/23
Doc ID 15642 Rev 5
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Transconductance
Figure 11.
Static drain-source on-resistance
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Capacitance variations
GFS
6.5
4.5
2.5
0.5
0
10
ID(A)
(S)
5
20
8.5
15
TJ=150°C
TJ=25°C
TJ=-50°C
AM03318v1
RDS(on)
0.13
0.12
0.11
0.1
0
10
ID(A)
(
Ω)
5
15
0.14
0.15
0.16
VGS=10V
20
AM03317v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=480V
ID=20A
50
12
60
AM03320v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM03319v1


Similar Part No. - STW26NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW26NM60N ISC-STW26NM60N Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
   N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
October 2009
STW26NM60ND STMICROELECTRONICS-STW26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
logo
Inchange Semiconductor ...
STW26NM60ND ISC-STW26NM60ND Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
   N-channel 600 V, 0.135 ?? 20 A MDmesh??II Power MOSFET in TO-220FP
January 2010 Rev 1
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com