Electronic Components Datasheet Search
Selected language     English  ▼


7-1414778-3 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 7-1414778-3
Description  Battery Disconnect Switch BDS-A High Current Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Battery Disconnect Switch BDS-A
High Current Solutions
High Current Devices
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
201
Contact Data for cable size
50 mm2
Contact configuration
Form X
Circuit symbol 1), 2)
Rated voltage
12 V
24 V
Rated current
190 A
Limiting continuous current
23°C
260 A
85°C
190 A
125°C
88 A
Contact material
Silver based
Load current
From terminal B to A
Carrying capability: 1000 A 1 s on, 9 s off, 23°C, 50 mm2
50.000 operations 3)
Carry starter current: 1500 A-0.2 s/600 A-5 s on, 60 s off, 23°C, 50 mm2
50.000 operations 3)
Voltage drop at 100 A (initial, after 1 min)
< 40 mV
Electrical endurance: 180 A 0.1 mH 1.5 s on, 5 s off, (– 40/25/120)°C / 2 h each, 35 mm2
13.000 operations
Electrical endurance: 100 A 0.1 mH 1.5 s on, 5 s off, (– 40/25/120)°C / 2 h each, 35 mm2
50.000 operations
Electrical endurance: 150 A 0.1 mH 0.5 s on, 5 s off, (– 40/25/120)°C / 2 h each, 35 mm2
25.000 operations
Electrical endurance: 100 A 0.1 mH 0.5 s on, 5 s off, (– 40/25/120)°C / 2 h each, 35 mm2
70.000 operations
Switching capability: 1500 A 0.5 s on, 10 min off, 23°C, 50 mm2 resistive load
5 operations 3)
Max. temperature at load terminals
140°C
Mechanical shock, half sine, 6 ms, 6 directions (OFF
→ON)
40 g 3)
1) Delivery status “ex works”.
2) Refer to Latching Relay in the “Glossary”.
3) Values are influenced by system temperature and load current. For further details please consult our Technical Application Engineers.
130C_PA_3
Coil Data
Available for nominal voltages
12 V
24 V
Must operate voltage at 20°C (ON
OFFON)1)
06 V
12 V
Non operate voltage at 20°C 1)
02 V
04 V
Test voltage winding/contact, contact-contact 1)
500 VACrms
Ambient temperature range
– 40 to +120°C
Coil excitation pulse length recommended/maximum
50 ms/100 ms
Switching time at 14 V
ON-OFF typ. 5 ms/OFF-ON typ. 5 ms
Noise level 2)
Typ. 86 dB (A)
1) Values are influenced by system temperature and load current. For further details please consult our Technical Application Engineers.
2) Equivalent average sound pressure level leq, switch cycled with 1 Hz, microphone distance 10 cm, measuring time 15 s.
Circuit Diagram
X2C2D
1 Double make contact /1 Form X
with 2 Coils and 2 Diodes
04-High Current_p_185-202_2.qxd
17.03.2008
18:51 Uhr
Seite 201




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl