Electronic Components Datasheet Search
Selected language     English  ▼


7-1414778-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1414778-3
Description  Battery Disconnect Switch BDS-A High Current Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Battery Disconnect Switch BDS-A
High Current Solutions
High Current Devices
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
202
Environmental Conditions
Temperature range, storage
Refer to
Storage in the “Glossary” catalog page 23 or http://relays.tycoelectronics.com/appnotes/
Test
Relevant standard
Testing as per
Dimension
Comments
Vibration resistance 1)
No change in the
IEC 68-2-6 (sine sweep)
22 - 500 Hz, min. 10 g
switching state
> 10
μs
Shock resistance 1)
No change in the
IEC 68-2-27
11 ms, min. 40 g
switching state
> 10
μs
Sealing
EN 60529 (IEC 529)
IP54
1) Values are influenced by system temperature and load current. For further details please consult our Technical Application Engineers.
Ordering Information
Part Numbers
(see table below for coil data)
Circuit/Contact
Contact
Enclosure
Relay Description
Part Number
Arrangement
Material
V23130-C2021-A412
1-1414939-4
1 Form X /1 Double make contact
Silver based
IP54
V23130-C2421-A431
7-1414778-3
1 Form X /1 Double make contact
Silver based
IP54
Coil Versions
Coil Data
Rated Coil
Coil Resistance
Must
Must
for
Voltage
±10%
Operate Voltage
Release Voltage
BDS-A
(V)
(
Ω)
at 20°C (V)
at 20°C (V)
V23130-C2021-****
12
4.7
6.0 (Set-Reset)
6.0 (Set-Reset)
V23130-C2421-****
24
19.9
12.0 (Set-Reset)
12.0 (Set-Reset)
Standard Delivery Packs (orders in multiples of delivery pack)
BDS-A:
24 pieces
04-High Current_p_185-202_2.qxd
17.03.2008
18:51 Uhr
Seite 202




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl