Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC3612 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMC3612
Description  N-Channel Power Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC3612 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMC3612 Datasheet HTML 1Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 2Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 3Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 4Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 5Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 6Page - Fairchild Semiconductor FDMC3612 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2012 Fairchild Semiconductor Corporation
FDMC3612 Rev.C2
www.fairchildsemi.com
4
Figure 7.
02
4
6
8
10
12
14
16
0
2
4
6
8
10
ID = 3.3 A
VDD = 75 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 50 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
1
10
TJ = 100 oC
30
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
3
6
9
12
VGS = 6 V
RθJC = 3.5
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
100
500
0.001
0.01
0.1
1
10
50
1 s
100 μs
10 ms
DC
10 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
V
GS = 10 V
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMC3612

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDMC3612 KEXIN-FDMC3612 Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
ON Semiconductor
FDMC3612 ONSEMI-FDMC3612 Datasheet
577Kb / 10P
   MOSFET ??N-Channel, POWERTRENCH
February, 2020 ??Rev. 4
FDMC3612-L701 ONSEMI-FDMC3612-L701 Datasheet
577Kb / 10P
   MOSFET ??N-Channel, POWERTRENCH
February, 2020 ??Rev. 4
More results

Similar Description - FDMC3612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com