Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3182 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD3182
Description  3A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3182 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD3182 Datasheet HTML 1Page - Fairchild Semiconductor FOD3182 Datasheet HTML 2Page - Fairchild Semiconductor FOD3182 Datasheet HTML 3Page - Fairchild Semiconductor FOD3182 Datasheet HTML 4Page - Fairchild Semiconductor FOD3182 Datasheet HTML 5Page - Fairchild Semiconductor FOD3182 Datasheet HTML 6Page - Fairchild Semiconductor FOD3182 Datasheet HTML 7Page - Fairchild Semiconductor FOD3182 Datasheet HTML 8Page - Fairchild Semiconductor FOD3182 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3182 Rev. 1.0.9
February 2011
FOD3182
3A Output Current, High Speed MOSFET Gate Driver
Optocoupler
Features
High noise immunity characterized by 50kV/µs (Typ.)
common mode rejection @ VCM = 2,000V
Guaranteed operating temperature range of
-40°C to +100°C
3A peak output current
Fast switching speed
– 210ns max. propagation delay
– 65ns max pulse width distortion
Fast output rise/fall time
– Offers lower dynamic power dissipation
250kHz maximum switching speed
Wide VDD operating range: 10V to 30V
Use of P-Channel MOSFETs at output stage
enables output voltage swing close to the supply rail
(rail-to-rail output)
5000Vrms, 1 minute isolation
Under voltage lockout protection (UVLO) with
hysteresis – optimized for driving MOSFETs
Minimum creepage distance of 8.0mm
Minimum clearance distance of 10mm to 16mm
(option TV or TSV)
Minimum insulation thickness of 0.5mm
UL and VDE*
1,414 peak working insulation voltage (VIORM)
*Requires ‘V’ ordering option
Applications
Plasma Display Panel
High performance DC/DC convertor
High performance switch mode power supply
High performance uninterruptible power supply
Isolated Power MOSFET gate drive
Description
The FOD3182 is a 3A Output Current, High Speed
MOSFET Gate Drive Optocoupler. It consists of a
aluminium gallium arsenide (AlGaAs) light emitting diode
optically coupled to a CMOS detector with PMOS and
NMOS output power transistors integrated circuit power
stage. It is ideally suited for high frequency driving of
power MOSFETS used in Plasma Display Panels
(PDPs), motor control inverter applications and high
performance DC/DC converters.
The device is packaged in an 8-pin dual in-line housing
compatible with 260°C reflow processes for lead free
solder compliance.
Functional Block Diagram
Package Outlines
8
8
1
8
1
1
8
1
1
2
3
4
8
7
6
5
NC
ANODE
CATHODE
NC
VDD
VO2
VO1
VSS
Note:
A 0.1µF bypass capacitor must be connected between pins 5 and 8.


Similar Part No. - FOD3182

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182S ONSEMI-FOD3182S Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SD ONSEMI-FOD3182SD Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SDV ONSEMI-FOD3182SDV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3182SV ONSEMI-FOD3182SV Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results

Similar Description - FOD3182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com