Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23135-W1002-A309 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23135-W1002-A309
Description  Star Point Relay SPR High Current Devices High Current Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23135-W1002-A309 Datasheet(HTML) 3 Page - Tyco Electronics

  V23135-W1002-A309 Datasheet HTML 1Page - Tyco Electronics V23135-W1002-A309 Datasheet HTML 2Page - Tyco Electronics V23135-W1002-A309 Datasheet HTML 3Page - Tyco Electronics V23135-W1002-A309 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Star Point Relay SPR
High Current Solutions
High Current Devices
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
188
Contact Data
Contact configuration
Triple make contact
Circuit symbol
Rated voltage
12 V
36 V
Rated current 1)
90 A
Contact material
AgNi0.15
Limiting continuous current 1)
23°C
120 A
85°C
90 A
125°C
60 A
Emergency switch off > 10 cycles without suppression device
200 A 2)
60 A 2)
Voltage drop at 90 A (initial) 3) per load path
< 180 mV
Mechanical endurance (without load)
> 10 6 operations
Electrical endurance dry switching (I load only carried, not switched) 4)
> 2 x 10 5 operations
I load = 120 A at 23°C
500 ms on/off
1) Max. terminal temperatures up to 180°C are allowed. Final temperatures depend on the leadframe layout.
2) Parallel diode is not recommended in any case.
3) After fritting with 90 A for 30 s.
4) Important.
Coil Data
Available for nominal voltages
12 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.5 W
Test voltage winding/contact
500 VACrms
Ambient temperature range
–40 to +125°C
Operate time at nominal voltage
< 20 ms
Release time at nominal voltage 1)
< 10 ms
1) For unsuppressed relay coil.
Note:
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Circuit Diagram
T0
1 Triple make contact / Form 3
35
4
1
2
04-High Current_p_185-202_2.qxd
17.03.2008
18:51 Uhr
Seite 188


Similar Part No. - V23135-W1002-A309

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23130 MACOM-V23130 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2021-A412 MACOM-V23130-C2021-A412 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2421-A431 MACOM-V23130-C2421-A431 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
logo
TE Connectivity Ltd
V23132-A2001-A200 TEC-V23132-A2001-A200 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
V23132-A2001-A200-EV-USBX TEC-V23132-A2001-A200-EV-USBX Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
More results

Similar Description - V23135-W1002-A309

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
OEN84H OENINDIA-OEN84H Datasheet
452Kb / 2P
   HIGH CURRENT RELAY
logo
List of Unclassifed Man...
G8JR ETC-G8JR Datasheet
36Kb / 2P
   Automotive High Current Relay
logo
Gamewell-FCI by Honeywe...
HRU GAMEWELL-FCI-HRU Datasheet
52Kb / 1P
   High Current Relay Unit
logo
American Electronic Com...
DG86 AEC-DG86 Datasheet
399Kb / 2P
   high current automotive relay
logo
Willow Technologies Ltd
DG86 WILLOW-DG86 Datasheet
399Kb / 2P
   high current automotive relay
logo
Tyco Electronics
2-1414939-2 MACOM-2-1414939-2 Datasheet
987Kb / 3P
   High Current Relay 150
logo
TE Connectivity Ltd
V23232-D0001-X001 TEC-V23232-D0001-X001 Datasheet
585Kb / 3P
   Automotive Relays High Current Devices
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
Hongfa Technology
HFE18V-200 HONGFA-HFE18V-200 Datasheet
132Kb / 7P
   HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-150 HONGFA-HFE18V-150 Datasheet
118Kb / 5P
   HIGH VOLTAGE DIRECT CURRENT RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com