Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C922N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74C922N
Description  16-Key Encoder ??20-Key Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C922N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74C922N Datasheet HTML 1Page - Fairchild Semiconductor MM74C922N Datasheet HTML 2Page - Fairchild Semiconductor MM74C922N Datasheet HTML 3Page - Fairchild Semiconductor MM74C922N Datasheet HTML 4Page - Fairchild Semiconductor MM74C922N Datasheet HTML 5Page - Fairchild Semiconductor MM74C922N Datasheet HTML 6Page - Fairchild Semiconductor MM74C922N Datasheet HTML 7Page - Fairchild Semiconductor MM74C922N Datasheet HTML 8Page - Fairchild Semiconductor MM74C922N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
AC Electrical Characteristics (Note 3)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: Capacitance is guaranteed by periodic testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT(0)
Logical “0” Output Voltage
IO = −360 µA
VCC = 4.75V
0.4
V
IO = −360 µA
OUTPUT DRIVE (See Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5V, VOUT = 0V,
−1.75
−3.3
mA
(P-Channel)
TA = 25°C
ISOURCE
Output Source Current
VCC = 10V, VOUT = 0V,
−8
−15
mA
(P-Channel)
TA = 25°C
ISINK
Output Sink Current
VCC = 5V, VOUT = VCC,
1.75
3.6
mA
(N-Channel)
TA = 25°C
ISINK
Output Sink Current
VCC = 10V, VOUT = VCC,
8
16
mA
(N-Channel)
TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0, tpd1
Propagation Delay Time to
CL = 50 pF (Figure 1)
Logical “0” or Logical “1”
VCC = 5V
60
150
ns
from D.A.
VCC = 10V
35
80
ns
VCC = 15V
25
60
ns
t0H, t1H
Propagation Delay Time from
RL = 10k, CL = 10 pF (Figure 2)
Logical “0” or Logical “1”
VCC = 5V, RL = 10k
80
200
ns
into High Impedance State
VCC = 10V, C L = 10 pF
65
150
ns
VCC = 15V
50
110
ns
tH0, tH1
Propagation Delay Time from
RL = 10k, CL = 50 pF (Figure 2)
High Impedance State to a
VCC = 5V, RL = 10k
100
250
ns
Logical “0” or Logical “1”
VCC = 10V, CL = 50 pF
55
125
ns
VCC = 15V
40
90
ns
CIN
Input Capacitance
Any Input (Note 4)
5
7.5
pF
COUT
3-STATE Output Capacitance
Any Output (Note 4)
10
pF


Similar Part No. - MM74C922N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922N FAIRCHILD-MM74C922N Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
MM74C922N FAIRCHILD-MM74C922N Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - MM74C922N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com