Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08AW16 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08AW16
Description  Microcontrollers
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08AW16 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08AW16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08AW16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 324 page
background image
MC9S08AW60 Features
8-Bit HCS08 Central Processor Unit (CPU)
40-MHz HCS08 CPU (central processor unit)
20-MHz internal bus frequency
HC08 instruction set with added BGND
instruction
Single-wire background debug mode interface
Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two
more breakpoints in on-chip debug module)
On-chip real-time in-circuit emulation (ICE) with
two comparators (plus one in BDM), nine
trigger modes, and on-chip bus capture buffer.
Typically shows approximately 50 instructions
before or after the trigger point.
Support for up to 32 interrupt/reset sources
Memory Options
Up to 60 KB of on-chip in-circuit programmable
FLASH memory with block protection and
security options
Up to 2 KB of on-chip RAM
Clock Source Options
Clock source options include crystal, resonator,
external clock, or internally generated clock
with precision NVM trimming
System Protection
Optional computer operating properly (COP)
reset
Low-voltage detection with reset or interrupt
Illegal opcode detection with reset
Illegal address detection with reset (some
devices don’t have illegal addresses)
Power-Saving Modes
Wait plus two stops
Peripherals
ADC — Up to 16-channel, 10-bit
analog-to-digital converter with automatic
compare function
SCI — Two serial communications interface
modules with optional 13-bit break
SPI — Serial peripheral interface module
IIC — Inter-integrated circuit bus module to
operate at up to 100 kbps with maximum bus
loading; capable of higher baud rates with
reduced loading
Timers — One 2-channel and one 6-channel
16-bit timer/pulse-width modulator (TPM)
module: Selectable input capture, output
compare, and edge-aligned PWM capability on
each channel. Each timer module may be
configured for buffered, centered PWM
(CPWM) on all channels
KBI — Up to 8-pin keyboard interrupt module
Input/Output
Up to 54 general-purpose input/output (I/O)
pins
Software-selectable pullups on ports when
used as inputs
Software-selectable slew rate control on ports
when used as outputs
Software-selectable drive strength on ports
when used as outputs
Master reset pin and power-on reset (POR)
Internal pullup on RESET, IRQ, and BKGD/MS
pins to reduce customer system cost
Package Options
MC9S08AW60/48/32
64-pin quad flat package (QFP)
64-pin low-profile quad flat package (LQFP)
48-pin low-profile quad flat package (QFN)
44-pin low-profile quad flat package (LQFP)
MC9S08AW16
48-pin low-profile quad flat package (QFN)
44-pin low-profile quad flat package (LQFP)


Similar Part No. - MC9S08AW16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08AW16 FREESCALE-MC9S08AW16 Datasheet
3Mb / 324P
   Microcontrollers
MC9S08AW16 FREESCALE-MC9S08AW16 Datasheet
1Mb / 324P
   Microcontrollers
MC9S08AW16 FREESCALE-MC9S08AW16 Datasheet
1Mb / 324P
   Microcontrollers
MC9S08AW16 FREESCALE-MC9S08AW16 Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW16 FREESCALE-MC9S08AW16 Datasheet
1Mb / 324P
   MC9S08AW60 Features
More results

Similar Description - MC9S08AW16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com