Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23234-A1001-X041 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23234-A1001-X041
Description  Power Relay B Plug-in Mini ISO Relays Automotive Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23234-A1001-X041 Datasheet(HTML) 1 Page - Tyco Electronics

  V23234-A1001-X041 Datasheet HTML 1Page - Tyco Electronics V23234-A1001-X041 Datasheet HTML 2Page - Tyco Electronics V23234-A1001-X041 Datasheet HTML 3Page - Tyco Electronics V23234-A1001-X041 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
n
Pin assignment similar to ISO 7588 part 1
n
Plug-in terminals
n
Customized versions on request
– 24VDC versions with contact gap >0.8mm
– Integrated components (e.g. resistor, diode)
– Customized marking/color
– Special covers (e.g. notches, release features, brackets)
– Various contact arrangements and materials
Typical applications
Cross carline up to 35A for example: rear window defogger, battery
disconnection, power distribution (clamp 15)
Contact Data
1 A
1 A
1 C
1 C
Contact arrangement
1 form A,
1 form A,
1 form C,
1 form C,
1 NO
1 NO
1 CO
1 CO
Rated voltage
12VDC
24VDC
12VDC
24VDC
Limiting continuous current
form A/form B (NO/NC)
23°C
50A
50A
50/35A
50/35A
85°C
35A
35A
35/25A
35/25A
125°C
15A
15A
15/10A
15/10A
Limiting making current1)
A/B (NO/NC)
120A
120A
120/45A
120/45A
Limiting breaking current,
A/B (NO/NC)
30A
20A
30/20A
20/10A
Limiting short-time current
overload current, ISO 8820-3 2)
1.35 x 35A, 1800s
2.00 x 35A, 5s
3.50 x 35A, 0.5s
6.00 x 35A, 0.1s
Jump start test, ISO 16750-1
24VDC for 5min,
conducting nominal current at 23°C
Contact material
Silver based
Min. recommended contact load3)
1A at 5VDC
Initial voltage drop, at 10A, typ./max.
form A (NO)
15/300mV 15/300mV 15/300mV 15/300mV
form B (NC)
-
-
20/300mV 20/300mV
Frequency of operation, at nominal load
6 ops./min (0.1Hz)
Operate/release time typ.
10/10ms4)
Electrical endurance, ops.
resistive load, A (NO) >2.5x105
>2.5x105
>2.5x105
>2.5x105
30A,
20A,
30A,
20A,
14VDC
28VDC
14VDC
28VDC
resistive load, B (NC)
-
-
>1x105
>2.5x105
20A,
10A,
14VDC
28VDC
Mechanical endurance
typ. 1x106 ops.
1) The values apply to a resistive or inductive load with suitable spark suppression and
at maximum 14VDC for 12VDC or 28VDC for 24VDC load voltages. For a load current
duration of maximum 3s for a make/break ratio of 1:10.
2) Current and time are compatible with circuit protection by a typical automotive fuse.
Relay will make, carry and break the specified current.
3) See chapter Diagnostics of Relays in our Application Notes or consult the internet at
http://relays.te.com/appnotes/
4) For unsuppressed relay coil. A low resistive suppression device in parallel to the relay
coil increases the release time and reduces the lifetime caused by increased erosion
and/or higher risk of contact tack welding.
Coil Data
Rated coil voltage
12/24VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance 5)
power 5)
VDC
VDC
VDC
Ω±10%
W
001
12
8
1.5
85
1.7
002
12
6.5
1
75
1.9
004
24
16
3
255
2.3
5) Without components in parallel.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
500Vrms
between adjacent contacts
500Vrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
Other Data
EU RoHS/ELV compliance
compliant
Protection to heat and fire according UL94
HB or better6)
Ambient temperature
-40 to 125°C
Climatic cycling with condensation,
EN ISO 6988
6 cycles, storage 8/16h
Temperature cycling,
IEC 60068-2-14, Nb
10 cycles, -40/+85°C (5°C/min)
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant, IEC 60068-2-3, Ca
56 days
Category of environmental protection,
IEC 61810
RT I – dustproof
Degree of protection, IEC 60529
IP54
Corrosive gas
IEC 60068-2-42
10±2cm3/m3 SO2, 10 days
IEC 60068-2-43
1±0.3cm3/m3 H2S, 10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz, min. 5g7)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
11ms, min. 20g7)
Drop test, free fall, IEC 60068-2-32
1m onto concrete
Power Relay B
Automotive Relays
Plug-in Mini ISO Relays
F234_fcw1_bw


Similar Part No. - V23234-A1001-X041

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - V23234-A1001-X041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com