Electronic Components Datasheet Search
Selected language     English  â–¼


0-1393827-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 0-1393827-1
Description  Cradle Relay Accessories and Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Size I
Cradle Relay Accessories and Mounting
Sockets with hand solder terminals
Sockets with PCB terminals
Size II
Size III
Size III
Size II
Size I
Approx. weight 3.5 g
Approx. weight 4.5 g
Approx. weight 5.5 g
Approx. weight 6.5 g
Approx. weight 5.5 g
Approx. weight 4.5 g
European Directive conformance:
Cradle Accessories product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0501
Page 2 (9)
108-98016 Rev. B




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl