Selected language     English  ▼


9-1393302-6 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 9-1393302-6
Description  Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
Revision 03-05
Catalog 1308028
Revision 03-06
Plug-In Relays
Mini ISO Relays
Power Relay F4 / VF4
36
Please observe the disclaimer.
Ordering information
Part numbers for Power Relay F4/VF4
(see table below for coil data)
Contact
Contact
Enclosure
Special
Relay part number
Internal reference Tyco order number
arrangement
material
features
6 V Plug-In Relays
VF4-45D11
V23134-A1051-X826
7-1393305-2
1 Form C
AgNi0.15
Dust cover
Bracket
12 V Plug-In Relays
V23134-A0052-C643
2-1393302-2
1 Form C
AgNi0.15
Dust cover
V23134-A0052-X205
3-1393302-6
1 Form C
AgNi0.15
Dust cover
Diode (cathode at 86)
V23134-A0052-X278
4-1393302-1
1 Form C
AgNi0.15
Dust cover
Resistor 560 Ω
V23134-A1052-C643
5-1393302-8
1 Form C
AgNi0.15
Dust cover
Bracket
VF4-45F11-C05
V23134-A1052-X828
7-1393305-5
1 Form C
AgNi0.15
Sealed
Bracket, resistor 680 Ω
V23134-B0052-C642
7-1393302-5
1 Form A
AgNi0.15
Dust cover
V23134-B1052-C642
3-1393303-4
1 Form A
AgNi0.15
Dust cover
Bracket
VF4-41F11-S01
V23134-B1052-X824
6-1393305-9
1 Form A
AgNi0.15
Dust cover
Bracket, resistor 680 Ω
V23134-C0052-C642
3-1393303-9
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-C1052-C642
4-1393303-7
1 Form A (2 pins 87)
AgNi0.15
Dust cover
Bracket
V23134-M0052-C642
5-1393304-6
1 Form U
AgNi0.15
Dust cover
V23134-M1052-C642
7-1393304-1
1 Form U
AgNi0.15
Dust cover
Bracket
V23134-B0052-X269
9-1393302-6
1 Form A
AgNi0.15
Dust cover
Resistor 560 Ω
V23134-B0052-X270
1-1414099-0
1 Form C
AgSnO2
Dust cover
Resistor 680 Ω
12 V PCB Relays
V23134-A0052-G243
2-1393302-3
1 Form C
AgNi0.15
Dust cover
VF4-15F13-C01
V23134-A0052-X812
4-1393305-5
1 Form C
AgNi0.15
Sealed
VF4-15F13-C05
V23134-A0052-X813
4-1393305-7
1 Form C
AgNi0.15
Sealed
Resistor 680 Ω
V23134-B0052-G242
7-1393302-7
1 Form A
AgNi0.15
Dust cover
VF4-11F13-C01
V23134-B0052-X802
2-1393305-2
1 Form A
AgNi0.15
Sealed
V23134-C0052-G242
4-1393303-0
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-M0052-G242
5-1393304-7
1 Form U
AgNi0.15
Dust cover
VF4-11F13
V23134-B0052-X801
2-1393305-1
1 Form A
AgNi0.15
Dust cover
VF4-15F13
V23134-A0052-X811
0-1393302-6
1 Form C
AgNi0.15
Dust cover
Operating conditions
Temperature range, storage
Test
Climatic cycling with condensation
Temperature cycling
Damp heat
cyclic
constant
Corrosive gas
Vibration resistance
Shock resistance
Load dump
Jump start
Drop test
Flammability
Overload current for relays with rated
currents as shown in contact data table 2)
1)
FMVSS: Federal Motor Vehicle Safety Standard.
2)
Current and time are compatible with circuit protection by a typical automotive fuse. Relay will make, carry and break the specified current.
Refer to
Storage in the “Glossary”
Relevant standard
Testing as per
Dimension
Comments
EN ISO 6988
6 cycles
Storage 8/16 h
IEC 68-2-14
Nb
10 cycles
– 40/+ 85 °C (5 °C per min.)
IEC 68-2-30
Db, Variant 1
6 cycles
Upper air temperature 55 °C
IEC 68-2-3
Ca
56 days
IEC 68-2-42
10 ± 2 cm3/m3 SO2
10 days
IEC 68-2-43
1 ± 0.3 cm3/m3 H2S
10 days
IEC 68-2-6 (sine sweep)
10-500 Hz
No change in the
min. 5 g
switching state > 10 μs
IEC 68-2-27 (half sine pulse form)
min. 20 g
Valid for NC contacts,
11 ms
NO contact values
significantly higher
ISO 7637-1 (12 V)
Test pulse 5
Vs =+ 86.5 V
ISO 7637-2 (24 V)
Test pulse 5
Vs =+ 200 V
24 V for 5 minutes conducting nominal current at 23 °C
Capable of meeting specifications after 1.0 m (3.28 foot) drop onto concrete
UL94-HB or better (meets FMVSS 302)1)
1.35 x I rated 1800 s
2.00 x I rated 5 s
3.50 x I rated 0.5 s
6.00 x I rated 0.1 s




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl