Selected language     English  ▼


7-1393302-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 7-1393302-5
Description  Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
1
06-2012, Rev. 0612
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Contact Data
Contact arrangement
1 form A, 1 NO/1 NO (2x87)
1 form U, 2 NO
1 form C, 1 CO
Contact gap
>0.8mm
Rated voltage
12VDC
24VDC
12VDC
24VDC
12VDC
24VDC
24VDC1)
Limiting continuous current
NO
NO
NO
NO
NO/NC
NO/NC
NO/NC
23°C
60A
60A
2x32A
2x32A
60/45A
60/45A
60/45A
85°C
40A
40A
2x25A
2x25A
40/30A
40/30A
40/30A
125°C
17A
17A
2x11A
2x11A
17/12A
17/12A
17/12A
Limiting making current2)
NO/NC
120A
120A
2x100A
2x100A
120/45A
120/45A
120/45A
Limiting breaking current
NO/NC
60A
20A
2x40A
2x15A
60/40A
20/15A
30/20A
Limiting short-time current
overload current, ISO 8820-33):
1.35 x 40A, 1800s
1.35 x 40A, 1800s
1.35 x 40A, 1800s
2.00 x 40A, 5s
2.00 x 40A, 5s
2.00 x 40A, 5s
3.50 x 40A, 0.5s
3.50 x 40A, 0.5s
3.50 x 40A, 0.5s
6.00 x 40A, 0.1s
6.00 x 40A, 0.1s
6.00 x 40A, 0.1s
Jump start test
ISO 16750-1
24VDC for 5min conducting nominal current at 23°C
Contact material
silver based
Min. recommended contact load4)
1A at 5VDC
Initial voltage drop
NO contact at 10A, typ./max.
15/200mV
15/200mV
2x15/200mV
2x15/200mV
15/200mV
15/200mV
15/200mV
NC contact at 10A, typ./max.
20/250mV
20/250mV
20/250mV
Frequency of operation
at nominal load
6 ops./min (0.1Hz)
Operate/release time typ.
7/2ms5)
Electrical endurance
resistive load at 14 VDC
>2x105 ops.
>2x105 ops.
>2x105 ops.
40A
2x25A
40A (NO)
resistive load at 28VDC
>1x105 ops.
>1x105 ops.
>1x105 ops.
1x105 ops.
ops.
20A
2x15A
20A (NO)
30A (NO)
>5x105 ops.
10A (NC)
Mechanical endurance
DC coil
>1x107ops.
1) Special high performance 24VDC version with contact gap >0.8mm, part number V23134-A0056-X432/-X433 (see part number table).
2) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 14VDC for 12VDC or 28VDC for 24VDC load voltages. For a load current duration of
maximum 3s for a make/break ratio of 1:10.
3) Current and time are compatible with circuit protection by a typical automotive fuse. Relay will make, carry and break the specified current.
4) See chapter Diagnostics of Relays in our Application Notes or consult the internet at http://relays.te.com/appnotes/
5) For unsuppressed relay coil. A low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher
risk of contact tack welding.
Power Relay F4
Automotive Relays
Plug-in Mini ISO Relays
n
Pin assignment similar to ISO 7588 part 1
n
Plug-in or PCB terminals
n
Also available for 42VDC applications
Customized versions on request
– 24VDC versions with contact gap >0.8mm
– Integrated components (e.g. resistor, diode)
– Customized marking/color
– Special covers (e.g. notches, release features, brackets)
– Various contact arrangements and materials
– For latching (bistable) version refer to Power Relay F7 A Latching
or Mini Relay Latching
– For shrouded/weatherproof dust cover versions refer to
Shrouded Power Relay F4 A and VF4 A
Typical applications
Cross carline up to 40A for example: ABS control, blower fans, car alarm,
cooling fan, Electric Power Steering, energy management, engine control,
fuel pump, heated front screen, lamps: front, rear, fog light, main switch/
supply relay, valves, wiper control.
F134co_fcw1




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl