Selected language     English  ▼


7-1393302-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1393302-5
Description  Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
4
06-2012, Rev. 0612
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Product code structure
Typical product code
V23134
-A
0
052 -C642
Type
V23134 Power Relay F4
Contact arrangement
A
1 form C, 1 CO
C
1 form A, 1 NO (2x87)
B
1 form A, 1 NO
K
1 form A, 1 NO (non ISO)
M
1 form U, 2 NO
Cover
0
Standard
1
Bracket at terminal 30 ISO
2
Bracket at terminal 86 ISO
Coil
052
12VDC
053
24VDC
056
24VDC (contact gap >0.8mm)
Terminal/arrangement
C642 Plug-in/NO
C643 Plug-in/CO
G242 PCB/NO
G243 PCB/CO
Xnnn Customized (nnn: version number)
Product code
Arrangement
Version
Coil suppr.
Circuit1)
Coil Arrangement
Terminals
Part number
V23134-A0052-C643
1 form C, 1 CO
Standard
CO
12VDC
Silver based
Plug-in, QC
2-1393302-2
V23134-A0052-G243
PCB
2-1393302-3
V23134-A0052-X278
R 560Ω
COR
Plug-in, QC
4-1393302-1
V23134-A0053-C643
CO
24VDC
5-1393302-1
V23134-A0053-G243
PCB
5-1393302-2
V23134-A0056-X4322)
D (cathode 86)
COD
Plug-in, QC
1-1414167-0
V23134-A0056-X4332)
R 1200Ω
COR
1-1414168-0
V23134-A1052-C643
Bracket
CO
12VDC
5-1393302-8
V23134-A1052-X294
R 560Ω
COR
6-1393302-0
V23134-A1053-C643
CO
24VDC
6-1393302-3
V23134-A1053-X295
R 1200Ω
COR
6-1393302-4
V23134-B0052-C642
1 form A, 1 NO
Standard
NO
12VDC
7-1393302-5
V23134-B0052-G242
PCB
7-1393302-7
V23134-B0052-X270
R 680Ω
NOR
Plug-in, QC
1-1414099-0
V23134-B0052-X506
R 560Ω
NOR_SD3)
4-1414992-3
V23134-B0053-C642
NO
24VDC
0-1393303-9
V23134-B1052-C642
Bracket
12VDC
3-1393303-4
V23134-B1053-C642
24VDC
3-1393303-7
V23134-B1053-X296
R 1200Ω
NOR
3-1393303-8
V23134-C0052-C642
1 form A, 1 NO (2x87) Standard
NO_2x87
12VDC
3-1393303-9
V23134-C0053-C642
24VDC
4-1393303-4
V23134-C1052-C642
Bracket
12VDC
4-1393303-7
V23134-C1052-X280
R 560Ω
NOR_2x87
4-1393303-8
V23134-C1053-C642
NO_2x87
24VDC
5-1393303-0
V23134-K1052-X399
1 form A, 1 NO
R 560Ω
NOR non ISO 12VDC
Plug-in, QC/non ISO 1-1393305-1
V23134-M0052-C642
1 form U, 2 NO
Standard
DNO
Plug-in, QC
5-1393304-6
V23134-M0052-G242
PCB
5-1393304-7
V23134-M0053-C642
24VDC
Plug-in, QC
6-1393304-7
V23134-M0053-G242
PCB
6-1393304-8
V23134-M1052-C642
Bracket
12VDC
Plug-in, QC
7-1393304-1
V23134-M1053-C642
24VDC
7-1393304-4
1) See terminal assignment diagrams.
2) Special feature: contact gap >0.8mm.
3) Serial diode.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl