Selected language     English  ▼


4-1393305-5 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 4-1393305-5
Description  Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
Plug-In Relays
Mini ISO Relays
Power Relay F4 / VF4
Please observe the disclaimer.
37
Catalog 1308028
Revision 03-06
Revision 03-05
Coil
Must
Must
Coil data
Rated coil
resistance
operate
release
Allowable overdrive 1)
for Power Relay F4/ VF4
voltage
+/- 10%
voltage
voltage
voltage (V)
(V)
(Ω)
(V)
(V)
at 23 °C
at 85 °C
VF4-**D**-**
6
22
3.6
0.6
11
8
VF4-**F**-**
12
90
7.2
1.2
22
17
V23134-**052-****
12
90
7.2
1.6
22
17
VF4-**H**-**
24
360
14.4
2.4
44
35
V23134-**053-****
24
324
14.4
3.2
41
32
V23134-**056-****
24
268
16.0
4.0
38
29
V23134-**064-****
24
360
14.4
2.4
44
35
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Power Relay F4
Quick connect verson:
315 pieces
Quick connect with bracket:
200 pieces
PCB version:
200 pieces
VF4-1, VF4-4
300 pieces
VF4-2, VF4-3
165 pieces
VF4-5, VF4-6
110 pieces
Ordering information
Part numbers for Power Relay F4/VF4
(see table below for coil data)
Contact
Contact
Enclosure
Special
Relay part number
Internal reference Tyco order number
arrangement
material
features
24 V Plug-In Relays
V23134-A0053-C643
5-1393302-1
1 Form C
AgNi0.15
Dust cover
V23134-A0056-X432
1-1414167-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, diode (cathode at 86)
V23134-A0056-X433
1-1414168-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, resistor 1.2 kΩ
VF4-15H11-C05
V23134-A0064-X816
5-1393305-3
1 Form C
AgNi0.15
Sealed
Resistor 2.7 kΩ
V23134-A1053-C643
6-1393302-3
1 Form C
AgNi0.15
Dust cover
Bracket
VF4-45H11-C05
V23134-A1064-X829
1432219-1
1 Form C
AgNi0.15
Sealed
Bracket, resistor 2.7 kΩ
VF4-15H11-S05
V23134-A1064-X830
8-1393305-4
1 Form C
AgNi0.15
Dust cover
Bracket, diode (cathode at 86)
V23134-B0053-C642
1393303-9
1 Form A
AgNi0.15
Dust cover
V23134-B1053-C642
3-1393303-7
1 Form A
AgNi0.15
Dust cover
Bracket
V23134-C0053-C642
4-1393303-4
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-C1053-C642
5-1393303-0
1 Form A (2 pins 87)
AgNi0.15
Dust cover
Bracket
V23134-M0053-C642
6-1393304-7
1 Form U
AgNi0.15
Dust cover
V23134-M1053-C642
7-1393304-4
1 Form U
AgNi0.15
Dust cover
Bracket
VF4-41H11
V23134-B1064-X825
7-1393305-0
1 Form A
AgNi0.15
Dust cover
Bracket
VF4-41H11-S08
V23134-A1064-X831
7-1393305-1
1 Form A
AgNi0.15
Dust cover
Bracket, resistor 2.7 kΩ
24 V PCB Relays
V23134-A0053-G243
5-1393302-2
1 Form C
AgNi0.15
Dust cover
VF4-15H13-C01
V23134-A0064-X820
5-1393305-9
1 Form C
AgNi0.15
Sealed
V23134-B0053-G242
1-1393303-0
1 Form A
AgNi0.15
Dust cover
V23134-C0053-G242
4-1393303-5
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-M0053-G242
6-1393304-8
1 Form U
AgNi0.15
Dust cover
VF4-11H13
V23134-B0064-X804
2-1393305-6
1 Form A
AgNi0.15
Dust cover
VF4-15H13
V23134-A0064-X819
0-1393302-8
1 Form C
AgNi0.15
Dust cover




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl