Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117T-L-3-3 Datasheet(PDF) 8 Page - Exar Corporation

Part # SPX1117T-L-3-3
Description  800mA Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1117T-L-3-3 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SPX1117T-L-3-3 Datasheet HTML 3Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 4Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 5Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 6Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 7Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 8Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 9Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 10Page - Exar Corporation SPX1117T-L-3-3 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
S
SP
PX
X1
11
11
17
7
8
80
00
0m
mA
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
8/11
Rev. 2.1.0
PRE-BIAS OUTPUT VOLTAGE START-UP
The SPX1117 is not intended for operations
requiring start-up into a pre-biased load.
Proper discharge of the output voltage is
recommended prior of turning on the device
through the application of the input voltage.
LAYOUT CONSIDERATIONS
Parasitic line resistance can degrade local
regulation. In order to avoid this, connect R1
directly to VOUT as illustrated in figure 25. For
the same reason R2 should be connected to
the negative side of the load.
Fig. 21: Current Cource
Fig. 22:Typical Adjustable Regulator
Fig. 23: Improving Ripple Rejection
Fig. 24: 5V Regulator with Shutdown
Fig. 25: Recommended Connections for Best Results
PC Board
mm2
Topside
Copper
mm2
Backside
Copper
mm2
Thermal
Resistance
Jct to amb.
°C/W
2500
2500
2500
46
2500
1250
2500
47
2500
950
2500
49
2500
2500
0
51
2500
1800
0
53
1600
600
1600
55
2500
1250
0
58
2500
915
0
59
1600
600
0
67
900
240
900
72
900
240
0
85
Table 1


Similar Part No. - SPX1117T-L-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117T-L-3-3 SIPEX-SPX1117T-L-3-3 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
SPX1117T-L-3-3/TR SIPEX-SPX1117T-L-3-3/TR Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117T-L-3-3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com