Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCDS-SSE-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TPCDS-SSE-2
Description  Telpower Compact Fused Disconnect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPCDS-SSE-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TPCDS-SSE-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPCDS-SSE-2 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 1 of 7
Data Sheet: 5023
3-26-03
SB03069
TPC & TPCDS
TPCDS - Telpower® Compact Fused Disconnect Switch
TPC - Telpower® Compact Fuse - Current Limiting
Ampere Ratings: 3-125A
Available Ratings: 3, 4, 5, 6, 7, 8, 10, 12, 15, 20, 25, 30,
40, 50, 60, 75, 90, 100, 125A
Voltage Rating: 80Vdc
Interrupting Rating: 100,000A
Agency Information:
UL Recognized (investigated to UL 1801) as a
disconnect switch for the interruption of load current
by means of withdrawing the fuse pullout.
Recognized to U.S. and Canadian requirements under the
component recognition program of Underwriters
Laboratories Inc.
Files E219046 and E56412.
General Information:
• Fusible solution for replacement of existing dc Telecom
circuit breakers.
• Compact size fused disconnect switch.
• AmpColor ID™ System for easy fuse replacement.
• Available in two disconnect switch profiles in addition to a
variety of terminal styles.
• Local and remote open fuse indication.
Local alarm indication provided by LED on TPC fuse.
• Remote alarm terminal available in three positions
commonly found in dc circuit protection devices.
• Recommended .75 inch center-to-center product spacing.
• Current-limiting capability
• Complete system coordination capability.
• Highest interrupting rating (100,000A) available
for dc circuit protection of this footprint.
• No venting of arc or molten metals and gases during
fuse opening.
• Fuse material: Black thermoplastic, UL rated 94 V-O,
170° C RTI.
• Housing material: Black thermoplastic, UL rated 94 V-O,
120° C RTI.
*Not investigated to Canadian Requirements.
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
CE logo denotes compliance with European Union Low
Voltage Directive (50-1000Vac, 75-1500Vdc). Refer
to Data Sheet: 8002 or contact Bussmann Application
Engineering for more information.
Catalog Number
Description
Ampere Rating
TPC-3
Compact Fuse
3A
TPC-4
Compact Fuse
4A
TPC-5
Compact Fuse
5A
TPC-6
Compact Fuse
6A
TPC-7
Compact Fuse
7A
TPC-8
Compact Fuse
8A
TPC-10
Compact Fuse
10A
TPC-12
Compact Fuse
12A
TPC-15
Compact Fuse
15A
TPC-20
Compact Fuse
20A
TPC-25
Compact Fuse
25A
TPC-30
Compact Fuse
30A
TPC-40
Compact Fuse
40A
TPC-50
Compact Fuse
50A
TPC-60
Compact Fuse
60A
TPC-75
Compact Fuse
75A
TPC-90
Compact Fuse
90A
TPC-100
Compact Fuse
100A
TPC-125
Compact Fuse
125A
TPCDS-BBE-1
Compact Disconnect
3-125A
TPCDS-BBE-2
Compact Disconnect
3-125A
TPCDS-BBE-3
Compact Disconnect
3-125A
TPCDS-BBM-1
Compact Disconnect
3-125A
TPCDS-BBM-2
Compact Disconnect
3-125A
TPCDS-BBM-3
Compact Disconnect
3-125A
TPCDS-BSE-1
Compact Disconnect
3-125A
TPCDS-BSE-2
Compact Disconnect
3-125A
TPCDS-BSE-3
Compact Disconnect
3-125A
TPCDS-BSM-1
Compact Disconnect
3-125A
TPCDS-BSM-2
Compact Disconnect
3-125A
TPCDS-BSM-3
Compact Disconnect
3-125A
TPCDS-SSE-1
Compact Disconnect
3-125A
TPCDS-SSE-2
Compact Disconnect
3-125A
TPCDS-SSE-3
Compact Disconnect
3-125A
TPCDS-SSM-1
Compact Disconnect
3-125A
TPCDS-SSM-2
Compact Disconnect
3-125A
TPCDS-SSM-3
Compact Disconnect
3-125A
TPCDS-D-BC1*
Compact Disconnect
3-125A
TPCDS-D-BC2*
Compact Disconnect
3-125A
TPCDS-D-CC1*
Compact Disconnect
3-125A
TPCDS-D-SEC1*
Compact Disconnect
3-125A
TPCDS-D-SEC2*
Compact Disconnect
3-125A
TPCDS-D-SMC1*
Compact Disconnect
3-125A
TPCDS-D-SMC2*
Compact Disconnect
3-125A


Similar Part No. - TPCDS-SSE-2

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOD323-T12SC TECHPUBLIC-TPCDSOD323-T12SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
   Asymmetrical TVS Diode
TPCDSOT23-SRV05-4 TECHPUBLIC-TPCDSOT23-SRV05-4 Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - TPCDS-SSE-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com