Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERG-3SJ681A Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ERG-3SJ681A
Description  Metal (Oxide) Film Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERG-3SJ681A Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ERG-3SJ681A Datasheet HTML 1Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 2Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 3Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 4Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 5Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 6Page - Panasonic Semiconductor ERG-3SJ681A Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
A
B
Measuring position
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
1S-A
1S-B
12S-A
12S-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
2F-A
2S-A
2S-B
2F-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
3F-A
3S-A
3S-B
3F-B
25
50
75
100
0
+50
+100
+150
+200
+250
Rated Load (%)
5F-A
5S-A
5S-B
5F-B
Hot-spot Temperature (for Reference)
The temperature of the resistor body increases with the curve below. A touching vinyl wire may cause damages
to resistor element. Do not place vinyl wires around resistors and be sure to consider where the resistors will be
placed.
Safety Precautions
The following are precautions for individual products. Please also refer to the common precautions for Fixed Resistors
shown on this catalog.
1. Transient voltage
If there is a possibility that the transient phenomenon (significantly high voltage applied in a short time) may
occur or that a high voltage pulse may be applied, make sure to evaluate and check the characteristics of
Metal(Oxide) Film Resistors (hereafter called the resistors) mounted on your product rather than only depending
on the calculated power limit or steady-state conditions to complete the design or decide to use the resistors.
2. The resistors are covered with a special coating. Do not apply shock or vibration to them, or pinch them with
long-nose pliers. Otherwise, the resistors may be damaged.
3. Do not apply excessive tension to the lead-connected sections. When bending the lead wire, do not apply
excessive stress to the resistors and provide the wire with a natural curvature.
4. Do not brush the resistors during or after the cleaning process, which may be conducted after soldering.
Otherwise, the coating film may be damaged.
Aug. 2012
01
55


Similar Part No. - ERG-3SJ681A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
More results

Similar Description - ERG-3SJ681A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com