Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162244GX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LVT162244GX
Description  Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162244GX Datasheet(HTML) 8 Page - Fairchild Semiconductor

  74LVT162244GX Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LVT162244GX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results

Similar Description - 74LVT162244GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74LVT162245 FAIRCHILD-74LVT162245 Datasheet
78Kb / 9P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com