Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F320J3A-110 Datasheet(PDF) 6 Page - Intel Corporation

Part # GE28F320J3A-110
Description  Intel StrataFlash짰 Memory
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F320J3A-110 Datasheet(HTML) 6 Page - Intel Corporation

Back Button GE28F320J3A-110 Datasheet HTML 2Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 3Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 4Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 5Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 6Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 7Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 8Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 9Page - Intel Corporation GE28F320J3A-110 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Contents
6
Datasheet
07/27/01
-009
Added Figure 4, 3 Volt Intel StrataFlash
® Memory VF BGA Package (32 Mbit)
Added Figure 5, 3 Volt Intel StrataFlash
® Memory VF BGA Mechanical
Specifications
Updated Operating Temperature Range to Extended (Section 6.1 and Table 22)
Reduced tEHQZ to 35 ns. Reduced tWHEH to 0 ns
Added parameter values for –40 °C operation to Lock-Bit and Suspend Latency
Updated VLKO and VPENLK to 2.2 V
Removed Note #4, Section 6.4 and Section 6.6
Minor text edits
10/31/01
-010
Added notes under lead descriptions for VF BGA Package
Removed 3.0 V - 3.6 V Vcc, and Vccq columns under AC Characteristics
Removed byte mode read current row un DC characteristics
Added ordering information for VF BGA Package
Minor text edits
03/21/02
-011
Changed datasheet to reflect the best known methods
Updated max value for Clear Block Lock-Bits time
Minor text edits
12/12/02
-012
Added nomenclature for J3C (0.18 µm) devices.
01/24/03
-013
Added 115 ns access speed 64 Mb J3C device. Added 120 ns access speed 128
Mb J3C device. Added “TE” package designator for J3C TSOP package.
12/09/03
-014
Revised Asynchronous Page Read description. Revised Write-to-Buffer flow
chart. Updated timing waveforms. Added 256-Mbit J3C pinout.
1/3/04
-015
Added 256Mbit device timings, device ID, and CFI information. Also corrected
VLKO specification.
1/23/04
-016
Corrected memory block count from 257 to 255.
1/23/04
-016
Memory block count fix.
5/19/04
-018
Restructured the datasheet layout.
7/7/04
-019
Added lead-free part numbers and 8-word page information.
11/23/04
-020
Added Note to DC Voltage Characteristics table; “Speed Bin” to Read Operations
table; Corrected format for AC Waveform for Reset Operation figure; Corrected
“R” and “8W” headings in Enhanced Configuration Register table because they
were transposed; Added 802 and 803 to ordering information and corrected 56-
Lead TSOP combination number.
Date of
Revision
Version
Description


Similar Part No. - GE28F320J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F320J3A-110 INTEL-GE28F320J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - GE28F320J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
   Intel 5000X Chipset Memory Controller Hub (MCH)
865G INTEL-865G Datasheet
3Mb / 249P
   Intel 865G/865GV Graphics and Memory Controller Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com