Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS2535CT Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS2535CT
Description  25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS2535CT Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBRS2535CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS2535CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS2535CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS2535CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MBRS2535CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Version:J12
RATINGS AND CHARACTERISTIC CURVES (MBRS2535CT THRU MBRS25150CT)
10
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 7 TYPICAL JUNCTION CAPACITANCE PER LEG
TA=25℃
f=1.0MHz
Vslg=50mVp-p
MBRS2535CT-MBRS2560CT
MBRS2590CT-MBRS25150CT
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION (s)
FIG. 8 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG


Similar Part No. - MBRS2535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
MBRS2535CT TSC-MBRS2535CT Datasheet
313Kb / 2P
   25 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2535CT TSC-MBRS2535CT Datasheet
139Kb / 3P
   25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2535CT KERSEMI-MBRS2535CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT Datasheet
229Kb / 5P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS2535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS25H45CT TSC-MBRS25H45CT Datasheet
534Kb / 2P
   25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2535CT TSC-MBRS2535CT_11 Datasheet
139Kb / 3P
   25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2590CT KERSEMI-MBR2590CT Datasheet
818Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRS2545CT EMMICRO-MBRS2545CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR2535CT TSC-MBR2535CT_1 Datasheet
361Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT Datasheet
101Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_10 Datasheet
484Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2545CT KERSEMI-MBRS2545CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2535CT TSC-MBRF2535CT Datasheet
120Kb / 2P
   Isolation 25.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com