Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244MSA Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVT244MSA
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT244MSA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVT244MSA Datasheet HTML 1Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LVT244MSA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
Note 3: All typical values are at VCC = 3.3V, TA = 25°C.
Note 4: Applies to bushold versions only (74LVTH244).
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 8)
Note 8: Characterized in SOIC package. Guaranteed parameter, but not tested.
Note 9: Max number of outputs defined as (n). n
−1 data inputs are driven 0V to 3V. Output under test held LOW.
Symbol
Parameter
VCC
(V)
T A =−40°C to +85°C
Units
Conditions
Min
Typ
Max
(Note 3)
VIK
Input Clamp Diode Voltage
2.7
−1.2
V
II = −18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO ≤ 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
VO ≥ VCC − 0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC−0.2
V
IOH = −100 µA
2.7
2.4
V
IOH = −8 mA
3.0
2.0
V
IOH = −32 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL = 100 µA
2.7
0.5
V
IOL = 24 mA
3.0
0.4
V
IOL = 16 mA
3.0
0.5
V
IOL = 32 mA
3.0
0.55
V
IOL = 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
µAV
I = 0.8V
(Note 4)
−75
µAV
I = 2.0V
II(OD)
Bushold Input Over-Drive
Current to Change State
3.0
500
µA(Note 5)
(Note 4)
−500
µA(Note 6)
II
Input Current
3.6
10
µAV
I = 5.5V
Control Pins
3.6
±1
µAV
I = 0V or VCC
Data Pins
3.6
−5
µAV
I = 0V
1
µAV
I = VCC
IOFF
Power Off Leakage Current
0
±100
µA0V ≤ V
I or VO ≤ 5.5V
IPU/PD
Power up/down 3-STATE
0–1.5V
±100
µA
VO = 0.5V to 3.0V
Output Current
VI = GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
−5
µAV
O = 0.5V
IOZH
3-STATE Output Leakage Current
3.6
5
µAV
O = 3.0V
IOZH+
3-STATE Output Leakage Current
3.6
10
µAV
CC < VO ≤ 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ+
Power Supply Current
3.6
0.19
mA
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
∆I
CC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC − 0.6V
(Note 7)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
(V)
TA = 25°C
Units
Conditions
CL = 50 pF, RL = 500Ω
Min
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 9)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
−0.8
V
(Note 9)


Similar Part No. - 74LVT244MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT244MSA FAIRCHILD-74LVT244MSA Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVT244MSA ONSEMI-74LVT244MSA Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVT244MSA ONSEMI-74LVT244MSA Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVT244MSA FAIRCHILD-74LVT244MSA_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74LVT244MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com