Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT322373 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVT322373
Description  Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT322373 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVT322373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
96-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA96A
Preliminary
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LVT322373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT322245G FAIRCHILD-74LVT322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT32244 FAIRCHILD-74LVT32244 Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
74LVT32244GX FAIRCHILD-74LVT32244GX Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
74LVT32245 FAIRCHILD-74LVT32245 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVT322373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT32373 FAIRCHILD-74LVT32373 Datasheet
160Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74LVT16373 FAIRCHILD-74LVT16373 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74LVCH32373A TI-SN74LVCH32373A Datasheet
130Kb / 9P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC32373A TI-SN74LVC32373A Datasheet
248Kb / 11P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com