Electronic Components Datasheet Search |
|
IXF-70D15CF Datasheet(PDF) 1 Page - ILSI America LLC |
|
IXF-70D15CF Datasheet(HTML) 1 Page - ILSI America LLC |
|
1 / 1 page Crystal Filter IXF Series 3 Lead Metal Package ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 12/06 Specifications subject to change without notice C1 Frequency Range (MHz) 10 MHz to 120 MHz 3 dB Bandwidth ±2 KHz to ±20 KHz, See Table Insertion loss 1.5 dB to 6 dB, depends on frequency and number of poles Ultimate Rejection -35 dB to -80 dB, depends on frequency and number of poles Crystal Cut AT Cut Aging ±5 ppm Max. / Year Standard Temperature Operating -20 ° C to +70° C Standard Storage -40 ° C to +85° C Standard Environmental See Appendix B for information Package Information MSL = N.A., Termination, UM1 = e4 Termination, HC49U = e1 Surface mount and filter module packages are also available, contact ILSI America. * - 2 poles per package, 4 / 6 / 8 poles are matched sets.. ** - Contact ILSI America for additional options. *** - Available at 30 MHz and above. Part Number Guide Sample Part Number: IXF - 10A15AA Filter Frequency ** Package Bandwidth Polls Mode Impedance IXF - 10 = 10.7 MHz A = HC49U 2 = ±2 KHz A = 2 Pole F = Fundamental ** 21 = 21.4 MHz B = UM1 3 = ±3 KHz B = 4 Pole * T = 3 rd Overtone *** 45 = 45.0 MHz C = UM4 4 = ±3.75 KHz C = 6 Pole * 55 = 55.025 MHz D = UM5 6 = ±6 KHz D = 8 Pole * 56 = 55.845 MHz 7 = ±7.5 KHz 58 = 58.1125 MHz 8 = ±8.5 KHz 70 = 70.000 MHz 15 = ±15 KHz 90 = 90.000 MHz 20 = ±20 KHz |
Similar Part No. - IXF-70D15CF |
|
Similar Description - IXF-70D15CF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |