Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA20 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA20
Description  400 Watts Suface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA20 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4SMA20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA20 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P4SMA75
CQJ
67.5
82.5
1.0
60.7
1
3.8
108
0.105
P4SMA75A
CRJ
71.3
78.8
1.0
64.1
1
4.0
103
0.105
P4SMA82
CSJ
73.8
90.2
1.0
66.4
1
3.5
118
0.105
P4SMA82A
CTJ
77.9
86.1
1.0
70.1
1
3.7
113
0.105
P4SMA91
CUJ
81.9
100
1.0
73.7
1
3.2
131
0.106
P4SMA91A
CVJ
86.5
95.5
1.0
77.8
1
3.3
125
0.106
P4SMA100
CWJ
90
110
1.0
81.0
1
2.9
144
0.106
P4SMA100A
CXJ
95
105
1.0
85.5
1
3.0
137
0.106
P4SMA110
CYJ
99
121
1.0
89.2
1
2.6
158
0.107
P4SMA110A
CZJ
105
116
1.0
94.0
1
2.7
152
0.107
P4SMA120
RDJ
108
132
1.0
97.2
1
2.4
173
0.107
P4SMA120A
REJ
114
126
1.0
102.0
1
2.5
165
0.107
P4SMA130
RFJ
117
143
1.0
105.0
1
2.2
187
0.107
P4SMA130A
RGJ
124
137
1.0
111.0
1
2.3
179
0.107
P4SMA150
RHJ
135
165
1.0
121.0
1
1.9
215
0.108
P4SMA150A
RKJ
143
158
1.0
128.0
1
2.0
207
0.108
P4SMA160
RLJ
144
176
1.0
130.0
1
1.8
230
0.108
P4SMA160A
RMJ
152
168
1.0
136.0
1
1.9
219
0.108
P4SMA170
RNJ
153
187
1.0
138.0
1
1.7
244
0.108
P4SMA170A
RPJ
162
179
1.0
145.0
1
1.8
234
0.108
P4SMA180
RQJ
162
198
1.0
146.0
1
1.6
258
0.108
P4SMA180A
RRJ
171
189
1.0
154.0
1
1.7
246
0.108
P4SMA200
RSJ
180
220
1.0
162.0
1
1.4
287
0.108
P4SMA200A
RTJ
190
210
1.0
171.0
1
1.51
274
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types PS4MA6.8 through P4SMA200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:I13
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - P4SMA20

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA20 WTE-P4SMA20 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nantong Hornby Electron...
P4SMA20 HORNBY-P4SMA20 Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA20 TSC-P4SMA20 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA20 TSC-P4SMA20 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA20 PANJIT-P4SMA20 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMA20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com