Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE47 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE47
Description  600 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE47 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P6KE47 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE47 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE47 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE47 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6KE47 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6KE47 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
UL Recognized File # E-326243
Excellent clamping capability
Low Dynamic impedance
Typical IR less than 1uA above 10V
P6KE6.8
DO-15
1.5K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
PPK
Watts
TJ, TSTG
Version:H13
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types P6KE6.8 through Types P6KE440
2. Electrical Characterstics Apply in Both Directions
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing code
Packing code
(Green)
Operating and Storage Temperature Range
-55 to +175
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on Copper Pad Area 0.4" x 0.4"(10mm x 10mm)
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
Note 4: VF=3.5V for Devices of VBR≦200V and VF=5.0V Max. for Device VBR>200V
Maximum Instantaneous Forward Voltage at 50A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Typical Thermal Resistance
RθJL
RθJA
10
62
/W
Steady State Power Dissipation at TL=75℃
Lead Lengths .375", 9.5mm (Note 2)
PD
5
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 3)
IFSM
100
Amps
Polarity: Color band denotes cathode except bipolar
Weight: 0.42 gram
Type Number
Value
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
600
52mm
A0
A0G
Fast response time: Typically less than 1.0ps from
0 volt to VBR for unidirectional and 5.0ns
for bidirectional
High temperature soldering guaranteed:
260℃ / 10 seconds
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Lead: Pure tin plated lead free, solderable per
MIL-STD-202, Method 208
P6KE SERIES
600 Watts Transient Voltage Suppressor
DO-15
Features
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
600 watts surge capability at 10 x 1000 us waveform


Similar Part No. - P6KE47

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE47 PANJIT-P6KE47 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE47 PANJIT-P6KE47 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Chongqing Pingwei Enter...
P6KE47 CHONGQING-P6KE47 Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P6KE47 SOCAY-P6KE47 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Microsemi Corporation
P6KE47 MICROSEMI-P6KE47 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE47

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_11 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
BZW06 TSC-BZW06_13 Datasheet
277Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8A YFWDIODE-P6KE6.8A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com