Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS1601G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1601G
Description  16.0AMPS. Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1601G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1601G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1601G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1601G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1601G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
UL Recognized File #E-326854
Glass passivated junction chip
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SFS
1601G
SFS
1602G
SFS
1603G
SFS
1604G
SFS
1605G
SFS
1606G
SFS
1607G
SFS
1608G
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:I13
Operating Temperature Range
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1: Pulse Test with PW=300usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Maximum Reverse Recovery Time (Note 2)
35
Typical Junction Capacitance (Note 3)
80
60
Typical Thermal Resistance
2.5
V
Maximum DC Reverse Current
TA=25 ℃
@ Rated DC Blocking Voltage
TA=100 ℃
IR
10
uA
400
16
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
125
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
0.975
1.3
1.7
Weight: 1.41 grams
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
SFS1601G - SFS1608G
16.0AMPS. Surface Mount Super Fast Rectifiers
D
2PAK
Features
For use in low voltage, high frequency inverter, free
wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode


Similar Part No. - SFS1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
168Kb / 2P
   16.0 AMPS. Surface Mount Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
143Kb / 2P
   16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
393Kb / 4P
   Surface Mount Super Fast Rectifiers
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1601G TSC-SFS1601G_11 Datasheet
143Kb / 2P
   16.0AMPS. Surface Mount Super Fast Rectifiers
SF1601G TSC-SF1601G_11 Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_13 Datasheet
412Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
MBRS1635 TSC-MBRS1635_13 Datasheet
264Kb / 4P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1635 TSC-MBRS1635_11 Datasheet
164Kb / 2P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1620 TSC-SRS1620_11 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com