Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT373SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVT373SJ
Description  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT373SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVT373SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LVT373SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 11: All typical values are at VCC 3.3V, TA
25
qC.
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r0.3V
VCC 2.7V
Min
Typ
(Note 11)
Max
Min
Max
tPHL
Propagation Delay
1.5
4.5
1.5
5.0
ns
tPLH
Dn to On
1.5
4.5
1.5
4.9
tPHL
Propagation Delay
1.7
4.6
1.7
4.9
ns
tPLH
LE to On
1.7
4.5
1.7
5.0
tPZL
Output Enable Time
1.3
4.8
1.3
5.9
ns
tPZH
1.3
4.8
1.3
5.5
tPLZ
Output Disable Time
1.9
4.6
1.9
4.9
ns
tPHZ
1.9
4.6
1.9
4.9
tW
LE Pulse Width
3.0
3.0
ns
tS
Setup Time, Dn to LE
1.1
1.0
ns
tH
Hold Time, Dn to LE
1.4
1.4
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC OPEN, VI 0V or VCC
3pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
5pF


Similar Part No. - 74LVT373SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT373SJ FAIRCHILD-74LVT373SJ Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373SJ ONSEMI-74LVT373SJ Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373SJ ONSEMI-74LVT373SJ Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

Similar Description - 74LVT373SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com