Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7BB-27-4 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # 7BB-27-4
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7BB-27-4 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button 7BB-27-4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. 7BB-27-4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Continued from the preceding page.
3–ø1.5
10.0
R1.0
ø22.0
3–ø1.7
2–ø3.5
ø1.2
R8.5
(in mm)
Tol.: ±0.5
0.8
PKM22EPPH4005-B0
ø22.0
10.0
0.8
R1.0
2-ø
1.2
2-ø
3.5
(in mm)
Tol.: ±0.5
Part Number
PKM22EPPH4007-B0
PKM22EPPH4012-B0
6.5
3.5
PKM22EPPH4007-B0
0.8
+0.1
–0
R11.0
1.0
3.5
12.5
22.0
7.0
3.0
0.25
6.0
(in mm)
Tol.: ±0.5
PKM22EPTH2001-B0
Part Number
Sound
Pressure Level
(dB)
Sound Pressure
Level (Ref. only)
(dB)
Operating
Voltage Range
Capacitance
(nF)
Operating
Temp. Range
(°C)
Storage
Temp. Range
(°C)
PKM13EPYH4002-B0
70 min.
[3Vp-p,4kHz,square wave,10cm]
70 min.
[1Vrms,4kHz,sine wave,10cm]
30.0Vp-p max.
5.5 ±30%
[1kHz]
-40 to +85
-40 to +85
PKM17EPP-2002-B0
70 min.
[3Vo-p,2kHz,square wave,10cm]
70 min.
[1Vrms,2kHz,sine wave,10cm]
25.0Vo-p max.
[with polarity]
34.0 ±30%
[120Hz]
-20 to +70
-30 to +80
PKM17EPPH4001-B0
72 min.
[3Vp-p,4kHz,square wave,10cm]
72 min.
[1Vrms,4kHz,sine wave,10cm]
25.0Vp-p max.
7.0 ±30%
[1kHz]
-20 to +70
-30 to +80
PKM22EPH2001
75 min.
[3Vp-p,2kHz,square wave,10cm]
75 min.
[1Vrms,2kHz,sine wave,10cm]
25.0Vp-p max.
17.0 ±30%
[120Hz]
-20 to +70
-30 to +80
PKM22EPPH2001-B0
70 min.
[3Vp-p,2kHz,square wave,10cm]
70 min.
[1Vrms,2kHz,sine wave,10cm]
30.0Vp-p max.
19.0 ±30%
[120Hz]
-20 to +70
-30 to +80
PKM22EPPH4001-B0
75 min.
[3Vp-p,4kHz,square wave,10cm]
75 min.
[1Vrms,4kHz,sine wave,10cm]
30.0Vp-p max.
12.0 ±30%
[1kHz]
-20 to +70
-30 to +80
PKM22EPPH4005-B0
75 min.
[3Vp-p,4kHz,square wave,10cm]
75 min.
[1Vrms,4kHz,sine wave,10cm]
30.0Vp-p max.
12.0 ±30%
[1kHz]
-20 to +70
-30 to +80
PKM22EPPH4007-B0
85 min.
[3Vp-p,4kHz,square wave,10cm]
85 min.
[1Vrms,4kHz,sine wave,10cm]
30.0Vp-p max.
12.0 ±30%
[1kHz]
-20 to +70
-30 to +80
PKM22EPTH2001-B0
70 min.
[3Vp-p,2kHz,square wave,10cm]
70 min.
[1Vrms,2kHz,sine wave,10cm]
25.0Vp-p max.
19.0 ±30%
[120Hz]
-20 to +70
-30 to +80
P37E.pdf
Feb.1,2012
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2


Similar Part No. - 7BB-27-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-27-4 MURATA-7BB-27-4 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-27-4 MURATA1-7BB-27-4 Datasheet
196Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-27-4 MURATA1-7BB-27-4 Datasheet
249Kb / 2P
   Piezoelectric Diaphragms
03/11/2024
logo
Murata Manufacturing Co...
7BB-27-4C MURATA-7BB-27-4C Datasheet
183Kb / 2P
   Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-27-4C MURATA1-7BB-27-4C Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
More results

Similar Description - 7BB-27-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com