Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMH2409DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NMH2409DC
Description  Isolated 2W Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMH2409DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NMH2409DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMH2409DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NMH Series
Isolated 2W Dual Output DC/DC Converters
KDC_NMH.E03 Page 2 of 6
www.murata-ps.com/support
TEMPERATURE DERATING GRAPH
150
100
50
0
-40
0
1
2
3
Safe Operating Area
85°C
Ambient Temperature (°C)
TOLERANCE ENVELOPE
+10%
Output Load Current (%)
+5%
-7.5%
-2.5%
+2.5%
Typical Load
Line
V
NOM
100
75
50
25
10
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power1
TA=-40
°C to 85°C
2W
Voltage Set Point Accuracy
NMH0505DC/SC
-5
7.5
%
All other types
-5
5
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation
10% load to rated load, 5V output types
5
10
%
10% load to rated load, 9V output types
310
10% load to rated load, 12V output types
10% load to rated load, 15V output types
Ripple and Noise
BW=DC to 20MHz, 5V output types
150
200
mV p-p
BW=DC to 20MHz, 9V output types
100
150
BW=DC to 20MHz, 12V output types
80
150
BW=DC to 20MHz, 15V output types
70
150
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
300mW
Input voltage VIN, NMH05 types
7V
Input voltage VIN, NMH12 types
15V
Input voltage VIN, NMH24 types
28V
Input voltage VIN, NMH48 types
54V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500V
1
10
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
95
kHz
12V input types
90
24V & 48V input types
80
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
130
Case Temperature above ambient
5V output types
30
12V output types
25
Cooling
Free air convection
1. See derating graph.
The voltage tolerance envelope shows typical load regulation characteristics for this
product series. The tolerance envelope is the maximum output voltage variation due
to changes in output loading.


Similar Part No. - NMH2409DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMH2409DC MURATA-PS-NMH2409DC Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - NMH2409DC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com