Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKM22EPH2001 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PKM22EPH2001
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM22EPH2001 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PKM22EPH2001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM22EPH2001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
!Note
P37E.pdf
Feb.1,2012
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3
y
YH
e
13
w
M
r
E
t
P
u
40
i
00
o
P
!0
-A0
q
PK
qProduct ID
wProduct
yStructure
iIndividual Specification Code
Piezoelectric Sounders/Piezoelectric Buzzers/Piezoelectric Ringers (PIEZORINGER
r)
PK
Piezoelectric Sound Components
T
p
P
p
Y
p
C
p
p
M
B
Sounder, Ringer
Buzzer
Standing Type
Flat Type Auto-assemble
Flat Type/Available for Taping
Flat Type/Semi-auto-assemble
Exclude above mentioned
Product
00
Individual Specification Code
Product ID
Code
Code
uOscillating Frequency Type
Structure
Code
(Part Number)
Pin Type
Lead Wire Type
eOuter Dimensions
rDrive
E
S
Drive
Code
tOuter Electrode Style
P
W
Outer Electrode Style
Code
Post Plated Terminal
Blank
oSpecial Quality Guarantee
P
Y
Special Quality Guarantee
Code
Bulk
Radial Taping
!0Packaging
-B0
-A0
Packaging
Code
Two digits express custom specification in
characteristics.
Expressed by two figures in mm.
13
Ex.)
ø12.6mm
External-Drive
Self-Drive
Code
Outer Dimensions
Radial taping is not available for all types.
Please contact us.
p signifies specification of the outer electrode.
40
Oscillating Frequency Type
Code
Expressed resonant frequency by two-digit
alphanumerics. The unit is in 100 hertz (Hz).
In case of 4kHz (4000Hz), expressed as "40."
qProduct ID
SMD Piezoelectric Sounder
PK
Piezoelectric Sound Components
Product ID
(Part Number)
y
01
e
1212
w
LCS
r
E
t
40
u
-R1
q
PK
wProduct
LCS
SMD Sounder
Code
Product
eDimensions
1212
p12mm
Code
Outer Dimensions
rDrive
E
External Drive
Code
Drive
tOscillating Frequency Type
40
Expressed resonant frequency by two-digit
alphanumerics. The unit is in 100 hertz (Hz.)
4kHz (4000Hz) is denoted as "40."
Code
Oscillating Frequency Type
yIndividual Specification Code
01
Two digits express specific specification
in characteristics.
Code
Individual Specification Code
uPackaging
-R1
Plastic taping
Code
Packaging


Similar Part No. - PKM22EPH2001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM22EPH2001 MURATA-PKM22EPH2001 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM22EPH2001 MURATA1-PKM22EPH2001 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
More results

Similar Description - PKM22EPH2001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com