Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKM22EPPH4007-B0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PKM22EPPH4007-B0
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM22EPPH4007-B0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PKM22EPPH4007-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
T
t
Red
Black
Blue
øD øa
øb
Self Drive Type
Part Number
Resonant
Frequency
(kHz)
Resonant
Impedance
(ohm)
Capacitance
(nF)
Plate Size
dia. D
(mm)
Element Size
dia. a
(mm)
Electrode Size
dia. b
(mm)
Thickness
T
(mm)
Plate Thickness
t
(mm)
Plate Material
7BB-20-6C
6.3 ±0.6kHz
500 max.
8.5 ±30%
[1kHz]
20.0
14.0
12.8
0.42
0.20
Brass
7BB-20-6CL0
6.3 ±0.6kHz
800 max.
8.5 ±30%
[1kHz]
20.0
14.0
12.8
0.42
0.20
Brass
(with Lead Wire:
AWG32 Length 50mm)
7BB-27-4C
4.6 ±0.5kHz
200 max.
18.0 ±30%
[1kHz]
27.0
19.7
18.2
0.54
0.30
Brass
7BB-27-4CL0
4.6 ±0.5kHz
350 max.
18.0 ±30%
[1kHz]
27.0
19.7
18.2
0.54
0.30
Brass
(with Lead Wire:
AWG32 Length 50mm)
7BB-35-3C
2.8 ±0.5kHz
200 max.
26.0 ±30%
[1kHz]
35.0
25.0
23.0
0.53
0.30
Brass
7BB-35-3CL0
2.8 ±0.5kHz
200 max.
26.0 ±30%
[1kHz]
35.0
25.0
23.0
0.53
0.30
Brass
(with Lead Wire:
AWG32 Length 50mm)
7BB-41-2C
2.2 ±0.3kHz
250 max.
24.0 ±30%
[1kHz]
41.0
25.0
23.0
0.63
0.40
Brass
7BB-41-2CL0
2.2 ±0.3kHz
350 max.
24.0 ±30%
[1kHz]
41.0
25.0
23.0
0.63
0.40
Brass
(with Lead Wire:
AWG32 Length 50mm)
7SB-34R7-3C
3.1 ±0.3kHz
150 max.
24.0 ±30%
[1kHz]
34.7
25.0
23.4
0.50
0.25
Stainless
Part Number
Node Diameter (mm)
7BB-20-6C
7BB-27-4C
7BB-35-3C
7BB-41-2C
c Node Diameter
P37E.pdf
Feb.1,2012
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1


Similar Part No. - PKM22EPPH4007-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0 Datasheet
221Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0 Datasheet
365Kb / 3P
   Externally driven piezoelectric sounders are used in digital
07/04/2023
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_17 Datasheet
221Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_V01 Datasheet
365Kb / 3P
   Externally driven piezoelectric sounders are used in digital
07/04/2023
More results

Similar Description - PKM22EPPH4007-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com