Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKM22EPPH4007-B0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PKM22EPPH4007-B0
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM22EPPH4007-B0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PKM22EPPH4007-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Piezoelectric Diaphragms Notice
c Notice (Soldering and Mounting)
1. Applying load on the center area of the diaphragm
may cause cracking in the ceramic element. When
the diaphragm is supported by the edge, the load
should be applied only around the edge.
2. Please consult with a Murata representative if
soldering of the component is needed.
1. Please do not touch the component with a bare hand
because the electrode may become corroded.
2. The component may be damaged if mechanical stress
exceeding specifications is applied.
3. Take care to protect the operating circuit from surge
voltage resulting from excessive force, falling, shock or
temperature change.
4. If DC voltage is applied to the component, silver migration
may occur. Please strictly avoid subjecting the
component to DC voltage for long periods.
5. The resistor should be used as shown in Fig. A.
A suitable resistance value should be chosen, preferably
1k
Ω to 2kΩ. Instead of this measure, a diode may also be
applied as shown in Fig. B.
6. Avoid excessive pulling of the lead wire because the wire
may break or the soldering point come off.
IC
Fig. A
IC
Fig. B
R
c Notice (Handling)
P37E.pdf
Feb.1,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1


Similar Part No. - PKM22EPPH4007-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0 Datasheet
221Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0 Datasheet
365Kb / 3P
   Externally driven piezoelectric sounders are used in digital
07/04/2023
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_17 Datasheet
221Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_V01 Datasheet
365Kb / 3P
   Externally driven piezoelectric sounders are used in digital
07/04/2023
More results

Similar Description - PKM22EPPH4007-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com