Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW47203RC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW47203RC
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW47203RC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NCP15XW47203RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW47203RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
o Part Numbering
qProduct ID
wSeries
yResistance Tolerance
uIndividual Specifications
NTC Thermistors for Temp. Sensor and Compensation Chip Type
NC
NTC Thermistors Chip Type
D
F
E
J
P
±0.5%
±1%
±3%
±5%
03
Individual Specifications
Product ID
Code
Code
Series
Resistance Tolerance
Code
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two figures.
Structures and others are expressed by two figures.
102
103
104
Ex.
Ex.
1k
Ω
10k
Ω
100k
Ω
Code
Resistance
Standard Type
iPackaging
RA
RB
RC
RL
Plastic Taping 4mm Pitch (4000 pcs.)
Paper Taping 4mm Pitch (4000 pcs.)
Paper Taping 2mm Pitch (10000 pcs.)
Paper Taping 2mm Pitch (15000 pcs.)
Code
Packaging
Plated Termination Series
eDimensions (LgW)
03
15
18
21
Code
Dimensions (L
gW)
0.60
g0.30mm
1.00
g0.50mm
1.60
g0.80mm
2.00
g1.25mm
EIA
0201
0402
0603
0805
rTemperature Characteristics
XC
XF
XH
XM
XQ
XV
XW
WB
WD
WF
WL
WM
Code
Temperature Characteristics
Nominal B-Constant 3100
e3149K
Nominal B-Constant 3250
e3299K
Nominal B-Constant 3350
e3399K
Nominal B-Constant 3500
e3549K
Nominal B-Constant 3650
e3699K
Nominal B-Constant 3900
e3949K
Nominal B-Constant 3950
e3999K
Nominal B-Constant 4050
e4099K
Nominal B-Constant 4150
e4199K
Nominal B-Constant 4250
e4299K
Nominal B-Constant 4450
e4499K
Nominal B-Constant 4500
e4549K
y
J
e
18
w
P
r
XH
t
103
u
03
i
RB
NC
q


Similar Part No. - NCP15XW47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW47203RC MURATA-NCP15XW47203RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XW47203RC MURATA-NCP15XW47203RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com