Electronic Components Datasheet Search |
|
PKM33EPH1201C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
PKM33EPH1201C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 35 page !Note P37E.pdf Feb.1,2012 • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. 3 y YH e 13 w M r E t P u 40 i 00 o P !0 -A0 q PK qProduct ID wProduct yStructure iIndividual Specification Code Piezoelectric Sounders/Piezoelectric Buzzers/Piezoelectric Ringers (PIEZORINGER r) PK Piezoelectric Sound Components T p P p Y p C p p M B Sounder, Ringer Buzzer Standing Type Flat Type Auto-assemble Flat Type/Available for Taping Flat Type/Semi-auto-assemble Exclude above mentioned Product 00 Individual Specification Code Product ID Code Code uOscillating Frequency Type Structure Code (Part Number) Pin Type Lead Wire Type eOuter Dimensions rDrive E S Drive Code tOuter Electrode Style P W Outer Electrode Style Code Post Plated Terminal Blank oSpecial Quality Guarantee P Y Special Quality Guarantee Code Bulk Radial Taping !0Packaging -B0 -A0 Packaging Code Two digits express custom specification in characteristics. Expressed by two figures in mm. 13 Ex.) ø12.6mm External-Drive Self-Drive Code Outer Dimensions Radial taping is not available for all types. Please contact us. p signifies specification of the outer electrode. 40 Oscillating Frequency Type Code Expressed resonant frequency by two-digit alphanumerics. The unit is in 100 hertz (Hz). In case of 4kHz (4000Hz), expressed as "40." qProduct ID SMD Piezoelectric Sounder PK Piezoelectric Sound Components Product ID (Part Number) y 01 e 1212 w LCS r E t 40 u -R1 q PK wProduct LCS SMD Sounder Code Product eDimensions 1212 p12mm Code Outer Dimensions rDrive E External Drive Code Drive tOscillating Frequency Type 40 Expressed resonant frequency by two-digit alphanumerics. The unit is in 100 hertz (Hz.) 4kHz (4000Hz) is denoted as "40." Code Oscillating Frequency Type yIndividual Specification Code 01 Two digits express specific specification in characteristics. Code Individual Specification Code uPackaging -R1 Plastic taping Code Packaging |
Similar Part No. - PKM33EPH1201C |
|
Similar Description - PKM33EPH1201C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |