Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15WD68303RC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NCP15WD68303RC
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15WD68303RC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NCP15WD68303RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15WD68303RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Basic Characteristics
6
Temperature Sensor and Compensation 0201 (0603) Size
7
Temperature Sensor and Compensation 0402 (1005) Size
8
Temperature Sensor and Compensation 0603 (1608) Size
10
Temperature Sensor and Compensation 0805 (2012) Size
12
Temperature Sensor and Compensation Chip Type Standard Land Pattern Dimensions
13
Temperature Sensor and Compensation Chip Type Temperature Characteristics (Center Value)
14
Temperature Sensor and Compensation Chip Type
!Caution/Notice
18
Temperature Sensor and Compensation Chip Type Package
22
Temperature Sensor Thermo String Type
25
Temperature Sensor Thermo String Type Specifications and Test Methods
26
Temperature Sensor Lead Type
28
Temperature Sensor Lead Type Specifications and Test Methods
29
Temperature Sensor Thermo String/Lead Type Temperature Characteristics (Center Value)
30
Temperature Sensor Thermo String/Lead Type
!Caution/Notice
31
Temperature Sensor Thermo String/Lead Type Package
32
Inrush Current Suppression Lead Type
33
Current - R Ratio (RT/R25)/Current - Temperature Characteristics (Typical)
35
Inrush Current Suppression Lead Type
!Caution/Notice
38
Inrush Current Suppression Lead Type Package
40
1
2
3
4
5
6
7


Similar Part No. - NCP15WD68303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15WD683 MURATA-NCP15WD683 Datasheet
265Kb / 10P
   for Surface Mounting Application
NCP15WD683E03RC MURATA-NCP15WD683E03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15WD683E03RC MURATA-NCP15WD683E03RC Datasheet
206Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP15WD683E03RC MURATA1-NCP15WD683E03RC Datasheet
560Kb / 3P
   NTC Thermistors
10/11/2022
NCP15WD683E03RC MURATA1-NCP15WD683E03RC Datasheet
605Kb / 3P
   NTC for Temperature Sensor
12/18/2023
More results

Similar Description - NCP15WD68303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com