Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAF1020 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SRAF1020
Description  10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAF1020 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SRAF1020 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAF1020 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRAF1020 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ITO-220AC
Dimensions
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.10
0.098
0.122
C
2.30
2.90
0.091
0.114
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
-
1.60
-
0.063
I
0.95
1.45
0.037
0.057
J
0.50
0.90
0.020
0.035
K
2.40
3.20
0.094
0.126
L
14.80
15.50
0.583
0.610
M
-
4.10
-
0.161
N
-
1.80
-
0.071
O
12.60
13.80
0.496
0.543
P
4.95
5.20
0.195
0.205
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
C0
Packing code
(Green)
C0G
Ordering information
Part No.
Package
BULK Packing
Packing code
DIM.
Unit(mm)
Unit(inch)
Marking Diagram
SRAF10xx
50 / TUBE
Note: "xx" is Device Code from "20" thru "150".


Similar Part No. - SRAF1020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF1020 TSC-SRAF1020 Datasheet
74Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020 Datasheet
258Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020 Datasheet
613Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SRAF10200 MOSPEC-SRAF10200 Datasheet
166Kb / 2P
   Full Plastic Schottky Barrier Rectifiers
More results

Similar Description - SRAF1020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF1020 TSC-SRF1020_13 Datasheet
252Kb / 3P
   10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
MBRF10H100CT TSC-MBRF10H100CT_11 Datasheet
187Kb / 2P
   10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_11 Datasheet
185Kb / 2P
   10.0AMPS Isolated Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_11 Datasheet
193Kb / 2P
   10.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT_13 Datasheet
247Kb / 3P
   10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF10100D TSC-MBRF10100D Datasheet
166Kb / 2P
   10.0AMPS Isolated Schottky Barrier Rectifier
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com