Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16952MTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVT16952MTD
Description  Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT16952MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVT16952MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVT16952MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500103
www.fairchildsemi.com
January 2000
Revised October 2001
74LVT16952 • 74LVTH16952
Low Voltage 16-Bit Registered Transceiver
with 3-STATE Outputs
General Description
The LVT16952 and LVTH16952 are 16-bit registered
transceivers. Two 8-bit back to back registers store data
flowing in both directions between two bidirectional buses.
Separate clock, clock enable, and output enable signals
are provided for each register.
The LVTH16952 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
The registered transceiver is designed for low-voltage
(3.3V) VCC applications, but with the capability to provide a
TTL interface to a 5V environment.
The LVT16952 and LVTH16952 are fabricated with an
advanced BiCMOS technology to achieve high speed oper-
ation similar to 5V ABT while maintaining low power dissi-
pation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH16952)
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
−32 mA/+64 mA
s Functionally compatible with the 74 series 16952
s Latch-up conforms to JEDEC JED78
s ESD performance:
Human-body model
> 2000V
Machine model
> 200V
Charged-device model
> 1000V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
74LVT16952MEA
(Preliminary)
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVT16952MTD
(Preliminary)
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
74LVTH16952MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVTH16952MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74LVT16952MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVT16952DGGRE4 TI-74LVT16952DGGRE4 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT16952MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com