Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1935B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1935B
Description  1.9A / 1.2MHz Boost DC to Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1935B_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1935B
1.9A / 1.2MHz Boost DC to Dc Converter
2/8
Version: A12
Electrical Specifications (Ta = 25
oC, V
IN=5V, EN=VIN, IL=0A unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage range
VCC
2.6
--
5.5
V
Under Voltage Lockout
UVLO
Rising
--
2.35
2.60
V
UVLO Hysteresis
--
-130
--
mV
Step-Up Voltage Adjust Range
VOUT
3
--
27
V
Operating quiescent current
ICCQ
IOUT= 0mA, VFB =1.5V
--
150
250
µA
Shutdown current
ISD
VEN=0V
--
0.1
1
µA
Feedback Voltage
VFB
1.213
1.238
1.263
V
FB Input Leakage Current
IFB-LKG
VFB = 1.3V
-100
0.01
+100
nA
Line Regulation
VIN = 2.5 to 5.5V
IOUT = 20mA
--
0.2
--
%
Load Regulation
VIN = 5V
IOUT = 1mA to 400mA
-
0.2
--
%
Switching frequency
FOSC
900
1200
1500
KHz
Maximum Duty
DMAX
82
87
-
%
N-channel MOSFET
current limit
ILIM
Duty=50%
--
1.9
--
A
MOSFET on-resistance
(Note 1)
RDS(on)
VCC=3V, ISW=1A
--
650
-
mΩ
VCC=5V, ISW=1A
--
500
--
SW Leakage Current
ISWL
VLX = 27V, VFB =1.5V
--
--
1
µA
EN high-level input voltage
VIH
1.0
--
--
V
EN low-level input voltage
VIL
--
--
0.4
V
EN Hysteresis
hys
--
200
-
mV
EN input leakage current
IEN-LKG
VEN=GND or VCC
--
0.01
0.1
µA
Thermal Shutdown
TDS
--
150
--
°C
Thermal Shutdown Hysteresis
TSH
--
35
--
Note 1: Guaranteed by design
Pin Description
Pin Number
Pin Name
Description
1
SW
Power Switch Output.
SW is the drain of the internal MOSFET switch. Connect the power inductor and
output rectifier to SW. SW can swing between GND and 27V.
2
GND
Ground. Tie directly to ground plan.
3
FB
Feedback Input.
FB voltage is 1.238V. Connect a resistor divider to FB.
4
EN
Regulator On/Off Control Input.
A high input at EN turns on the converter, and a low input turns it off.
When not used, connect EN to the input source for automatic startup.
The EN pin cannot be left floating.
5
VCC
Input Supply Pin.
Must be locally bypassed.


Similar Part No. - TS1935B_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Similar Description - TS1935B_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com