Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH652 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVTH652
Description  Low Voltage Octal Transceiver/Register with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH652 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVTH652 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 10)
Note 10: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA = −40°C to +85°C
Units
CL = 50 pF, RL = 500Ω
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
150
MHz
tPLH
Propagation Delay Data to Output
1.8
5.6
1.8
6.2
ns
tPHL
Clock to A or B
1.8
4.8
1.8
5.6
tPLH
Propagation Delay Data to Output
1.3
4.5
1.3
4.9
ns
tPHL
Data to A or B
1.3
4.6
1.3
5.2
tPLH
Propagation Delay Data to Output
1.5
5.5
1.5
6.4
ns
tPHL
SBA or SAB to A or B
1.5
5.4
1.5
6.1
tPZH
Output Enable Time
1.1
5.2
1.1
6.5
ns
tPZL
OE to A
1.1
5.6
1.1
6.6
tPHZ
Output Disable Time
2.0
5.5
2.0
6.1
ns
tPLZ
OE to A
2.0
5.5
2.0
5.9
tPZH
Output Enable Time
1.3
4.9
1.3
5.7
ns
tPZL
OE to B
1.3
5.3
1.3
5.8
tPHZ
Output Disable Time
1.5
5.6
1.5
6.7
ns
tPLZ
OE to B
1.5
5.6
1.5
6.3
tW
Pulse Duration
Clock HIGH or LOW
3.3
3.3
ns
tS
Setup Time
Data HIGH before CP
1.2
1.5
ns
Data LOW before CP
1.6
2.2
tH
Hold Time
Data HIGH or LOW after CP
0.8
0.8
ns
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 9)
1.0
1.0
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Similar Part No. - 74LVTH652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646MTC FAIRCHILD-74LVTH646MTC Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646WM FAIRCHILD-74LVTH646WM Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74LVTH652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com