Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19701ACX6RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19701ACX6RFG
Description  CC/CV Primary-Side PWM Controller Power on Soft-start
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19701ACX6RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19701ACX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19701ACX6RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19701A
CC/CV Primary-Side PWM Controller
2/9
Version: A12
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage (VDD) Section
Standby Current
IDD ST
VDD=13V
--
5
20
uA
Operation Current
IDD OP
Operation supply current
INV=2V, CS=0V,
VDD=VDDG=18V
--
2
3
mA
VDD Under Voltage Lockout Enter
UVLO(ON)
VDD falling
8.2
9.0
10.5
V
VDD Under Voltage Lockout Exit
UVLO(OFF)
VDD rising
13.5
14.8
16.0
V
Maximum VDD operation voltage
VDDclamp
IDD=10mA
27
28.5
30
V
Over Voltage protection voltage
OVP
Ramp VDD until gate shut
down
26
27.5
29
V
Current Sense Input Section
LEB time
TLEB
--
625
--
Ns
Over current threshold
Vth_oc
880
910
940
mV
OCP Propagation delay
Td_oc
--
110
--
Ns
Input Impedance
ZSENSE_IN
50
--
--
KΩ
Soft start time
T_SS
--
17
--
ms
Frequency Section
IC Maximum frequency
Freq_Max
(Note)
55
60
65
KHZ
System Nominal switch frequency
Freq_Nom
--
50
--
KHZ
Freq_startup
INV=0V, Comp=5V
--
14
--
KHZ
Frequency shuffling range
∆f/Freq
--
+/-6
--
%
Error Amplifier section
Reference voltage for EA
Vref_EA
1.97
2
2.03
V
DC gain of EA
Gain
-
60
-
dB
Max. Cable compensation current
I_COMP_MA
X
INV=2V, Comp=0V
-
37.5
-
uA
Note: Freq_Max indicates IC internal maximum clock frequency. In system application, the maximum operation
frequency of 60Khz nominal occurs at maximum output power or the transition point from CV to CC


Similar Part No. - TS19701ACX6RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
TS19702 TSC-TS19702 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
TS19702CX6RFG TSC-TS19702CX6RFG Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
More results

Similar Description - TS19701ACX6RFG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
   PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
   PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
logo
List of Unclassifed Man...
OB2532 ETC2-OB2532 Datasheet
404Kb / 10P
   High Precision CC/CV Primary-Side PWM Controller
logo
Princeton Technology Co...
RS2139 PTC-RS2139 Datasheet
253Kb / 4P
   High Precision CC / CV Primary-Side PWM Controller
logo
Maxic Technology Corpor...
MT7970 MAXIC-MT7970 Datasheet
219Kb / 1P
   High Precision CC/CV Primary-Side PWM Controller
logo
Shenzhen Winsemi Microe...
WS3252 WINSEMI-WS3252 Datasheet
440Kb / 8P
   WS3252 High Precision CC/CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
   Primary-Side-Control CC/CV Controller
logo
Unisonic Technologies
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com