Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX00MX_NL Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVX00MX_NL
Description  Low Voltage Quad 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX00MX_NL Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX00MX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74LVX00MX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74LVX00MX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LVX00MX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LVX00MX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LVX00MX_NL Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: Parameter guaranteed by design tOSLH
|tPLHm–tPLHn|, tOSHL
|tPHLm–tPHLn|
Capacitance
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
CL (pF)
(V)
Min
TypMax
MinMax
tPLH
Propagation Delay Time
2.7
5.4
10.1
1.0
12.5
ns
15
tPHL
7.9
13.6
1.0
16.0
50
3.3
r 0.3
4.1
6.2
1.0
7.5
15
6.6
9.7
1.0
11.0
50
tOSLH
Output to Output Skew
2.7
1.5
1.5
ns
50
tOSHL
(Note 5)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
19
pF
Capacitance (Note 6)


Similar Part No. - 74LVX00MX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
74LVX00MTC ONSEMI-74LVX00MTC Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
STMicroelectronics
74LVX00MTR STMICROELECTRONICS-74LVX00MTR Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX00MX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX00 ONSEMI-74VCX00 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LVQ00 FAIRCHILD-74LVQ00 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74ALVC00 ONSEMI-74ALVC00 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
Revised February 2005
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com